전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV1807J1 데이터시트(PDF) 1 Page - Advanced Semiconductor

부품명 MV1807J1
상세설명  SILICON VARACTOR DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASI [Advanced Semiconductor]
홈페이지  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MV1807J1 데이터시트(HTML) 1 Page - Advanced Semiconductor

  MV1807J1 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VB
IR = 10
µA
80
V
CT
VR = 6.0 V
f = 1.0 MHz
10.8
13.2
pF
RS
VR = 6.0 V
f = 50 MHz
0.25
Ohms
FOUT
1000
MHz
POUT
25.1
W
FIN
500
MHz
PIN
37.0
W
SILICON VARACTOR DIODE
MV1807J1
DESCRIPTION:
The
ASI MV1807J1 is a Diffused
Epitaxial Varactor Diode Designed for
Multiplier Applications.
MAXIMUM RATINGS
I
100 mA
V
80 V
PDISS
21 W @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +175 OC
θθθθ
JC
6.0
OC/W
PACKAGE STYLE DO-4
Cathode to case


유사한 부품 번호 - MV1807J1

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
MV1815 ZARLINK-MV1815 Datasheet
1Mb / 13P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
logo
List of Unclassifed Man...
MV1815 ETC-MV1815 Datasheet
1Mb / 13P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
MV1817 ETC-MV1817 Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
logo
Zarlink Semiconductor I...
MV1817 ZARLINK-MV1817 Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECORDER FOR 625 LINE OPERATION
logo
List of Unclassifed Man...
MV1817-3CGDPAS ETC-MV1817-3CGDPAS Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECODER FOR 625 LINE OPERATION
More results

유사한 설명 - MV1807J1

제조업체부품명데이터시트상세설명
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
   SILICON VARACTOR DIODE
AT9001 ASI-AT9001 Datasheet
22Kb / 1P
   SILICON VARACTOR DIODE
AHV8801-15 ASI-AHV8801-15 Datasheet
28Kb / 1P
   SILICON VARACTOR DIODE
AHV9501-15 ASI-AHV9501-15 Datasheet
16Kb / 1P
   SILICON VARACTOR DIODE
KV1402 ASI-KV1402 Datasheet
12Kb / 1P
   SILICON VARACTOR DIODE
MVAM108 ASI-MVAM108 Datasheet
23Kb / 1P
   SILICON VARACTOR DIODE
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
1N4388 ASI-1N4388 Datasheet
23Kb / 1P
   SILICON MULTIPLIER VARACTOR DIODE
AT12020-21 ASI-AT12020-21 Datasheet
22Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
MA4060B ASI-MA4060B Datasheet
31Kb / 1P
   SILICON MULTIPIER VARACTOR DIODE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com