전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KMR623NGULCLFG 데이터시트(Datasheet) 1 Page - C&K Components

부품명 KMR623NGULCLFG
상세내용  Standard and long life versions
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo 

   
 1 page
background image
Contact Material
1 Silver
2 Silver long life*
3 Gold
* Silver long life is available in 3N and 4N actuation force. For other versions, please contact Customer Service.
B–114
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
26 may 16
Features/Benefits
Watertight IP67
Standard and long life versions
No ground pin
Ultra low current capabilities
Excellent tactile feel
KMR 6 Series
Microminiature SMT Top Actuated IP67
Typical Applications
Automotive
Medical
Consumer
Industrial
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA*
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME:
≤ 3 ms
*For ULC version minimum current is 1µA at 1.8 VDC
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 7,000 pieces
External diameter 330 mm ± 2 mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
Total height
6 1,9 mm
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Actuation Force
1 1.2 N (120 grams)
2 2 N (200 grams)
3 3 N (300 grams)
4 4 N (400 grams)
K
M
R
N
G
6
Grounding option
NG No Ground pin
Low Current capability
Void Under standard specification
ULC Low current
Part Number Description
For any part number different from those listed above, please consult your local representative.
Type NG
See description
below
Operating
force
N (grs)
Operating
life
(cycles)
Travel (mm)
TACTILE FEELING:
KMR 6 series with actuation force in 2N - 3N - 4N:
≥ 30%
KMR 6 series with actuation force in 1.2N:
≥ 20%
KMR611NG LFS
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR611NG ULC LFS
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR613NG LFG
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR613NG ULC LFG
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR621NG LFS
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR621NG ULC LFS
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR623NG LFG
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR623NG ULC LFG
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR631NG LFS
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR631NG ULC LFS
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR632NG LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR632NG ULC LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR633NG LFG
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR633NG ULC LFG
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR641NG LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR641NG ULC LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR642NG LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR642NG ULC LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR643NG LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR643NG ULC LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1




Html 페이지

1  2 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl