전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FC14970 데이터시트(PDF) 2 Page - Cree, Inc

부품명 FC14970
상세설명  Florentina series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

FC14970 데이터시트(HTML) 2 Page - Cree, Inc

  FC14970 Datasheet HTML 1Page - Cree, Inc FC14970 Datasheet HTML 2Page - Cree, Inc FC14970 Datasheet HTML 3Page - Cree, Inc FC14970 Datasheet HTML 4Page - Cree, Inc FC14970 Datasheet HTML 5Page - Cree, Inc FC14970 Datasheet HTML 6Page - Cree, Inc FC14970 Datasheet HTML 7Page - Cree, Inc FC14970 Datasheet HTML 8Page - Cree, Inc FC14970 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Assembly:
1. Attach lenses by pressing them down until they snap into place.
2. Screw the holder (with lenses assembled) to PCB. Inspect that the positioning
pins are securely in their holes.
3. Press the shade down on the holder until they are securely attached.
Optional side attachment: The holder can also be attached with DIN 7985 M3 nuts
1. One nut per side for rotational attachment
2. Two per side for fixed beam direction
Recommendations:
Screw type DIN 7985 M3, max. torque 0.6Nm
Compatible with Strada-2X2MX PCB
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
1/1
SIZE
A3
DRAWING TITLE
FLORENTINA-2x2 assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
-
CMC / MRK lenses
-
2
C14734
FLORENTINA-2X2-SHD
PC
black
3
C14735
FLORENTINA-2X2-HLD
PC
black
95.57
40
20
2
3.2
83.59
LED middle position
40
20
3.3
Side view
Isometric view
Scale:
1:1
1
2
3
Optional attachment 2
Optional attachment 1
Isometric view
Scale:
1:1


유사한 부품 번호 - FC14970

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FC14970 LEDIL-FC14970 Datasheet
985Kb / 13P
   Florentina Pack
More results

유사한 설명 - FC14970

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
   Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
   Florentina series
FC15726 CREE-FC15726 Datasheet
1Mb / 19P
   Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
   Florentina series
FC14971 CREE-FC14971 Datasheet
878Kb / 11P
   Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
   Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
   Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
   Florentina series
FC15718 CREE-FC15718 Datasheet
1Mb / 15P
   Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
   Florentina series
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
   Florentina series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com