전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST485EXDR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 ST485EXDR
상세설명  짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EXDR 데이터시트(HTML) 5 Page - STMicroelectronics

  ST485EXDR Datasheet HTML 1Page - STMicroelectronics ST485EXDR Datasheet HTML 2Page - STMicroelectronics ST485EXDR Datasheet HTML 3Page - STMicroelectronics ST485EXDR Datasheet HTML 4Page - STMicroelectronics ST485EXDR Datasheet HTML 5Page - STMicroelectronics ST485EXDR Datasheet HTML 6Page - STMicroelectronics ST485EXDR Datasheet HTML 7Page - STMicroelectronics ST485EXDR Datasheet HTML 8Page - STMicroelectronics ST485EXDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ST485E
5/13
TEST CIRCUITS AND TYPICAL CHARACTERISTICS
Figure 1 : Driver DC Test Load
Figure 2 : Receiver Timing Test Load
Figure 3 : Drive/Receiver Timing Test Circuit
Figure 4 : Driver Timing Test Load


유사한 부품 번호 - ST485EXDR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
ST485EXDR STMICROELECTRONICS-ST485EXDR Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results

유사한 설명 - ST485EXDR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
   짹15KV ESD protected, Low power RS-485/RS-422 transceiver
ST485ER STMICROELECTRONICS-ST485ER Datasheet
303Kb / 13P
   5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com