전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-DWR-TXXXP-VX1X-0X 데이터시트(PDF) 1 Page - Amphenol Corporation

부품명 P-DWR-TXXXP-VX1X-0X
상세설명  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-DWR-TXXXP-VX1X-0X 데이터시트(HTML) 1 Page - Amphenol Corporation

  P-DWR-TXXXP-VX1X-0X Datasheet HTML 1Page - Amphenol Corporation P-DWR-TXXXP-VX1X-0X Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1
06 = M3 THREADED HOLE
04 = #4-40 THREADED HOLE
02 = 3.25mm [.128"] DIA THROUGH HOLE
01 = NO MOUNTING EARS
00 = NO MOUNTING FEATURE
MOUNTING OPTION
CONTACT OPTIONS
- POWER CONTACTS: COPPER ALLOY PLATED WITH GOLD OR SILVER OVER 1.27µm (50µ”) MIN NICKEL
AREA AND 2.54µm (100µ”) MATTE TIN OVER NICKEL ON THE TAILS.
NOTES:
MATERIALS: ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND AMENDMENTS
1.
- HOUSING: HIGH TEMPERATURE RESISTANT NYLON, UL FLAMMABILITY RATING 94V-0, COLOUR BLACK
- SIGNAL CONTACTS: PHOSPHOR BRONZE PLATED WITH GOLD OVER 1.27µm (50µ”) NICKEL ON THE MATING
4.
- INSULATION RESISTANCE: 5000 MEGAOHMS
- OPERATING TEMPERATURE: -55°C TO +105°C
UL FILE NUMBER: E64911
DWR
SERIES
3.00mm)
STD SIGNAL
2, 4, 6, 8 OR A = 10
NUMBER OF POWER CONTACT POSITIONS
V = VERTICAL
P = PIN (MALE)
GENDER
6 = 5.08µm [200µ”] SILVER POWER,
00, 04, 06, 08, 10 ... 40
0.38µm [15µ”] GOLD SIGNAL
NUMBER OF SIGNALCONTACT POSITIONS
2 = 0.38µm [15µ”] GOLD
PLATING OPTIONS
ELECTRICAL CHARACTERISTICS
ENGAGEMENT IS A) HOUSING BLADES, B) HOUSING SHROUD, C) POWER CONTACTS AND D) SIGNAL CONTACTS.
3.
ORIENTATION
1 = SOLDER CUP TAILS: POWER 8 AWG,
SIGNAL 20 AWG
3.50mm)
WHEN MATED WITH SOCKET CONNECTOR DWR-TXXXS-VXXX-XX, THE ORDER OF MECHANICAL AND ELECTRICAL
2.
- CURRENT RATING: UP TO 55A POWER, 4A SIGNAL
- DIELECTRIC WITHSTANDING VOLTAGE: 1500V DC
CONTACT TERMINATION
08 = GUIDE PINS
PART NUMBER:
T = SLIMDRAWER FINISHED CONNECTOR
0X
PRODUCT TYPE
2 = POWER PIN SIZE CB8 (
3 = 0.76µm [30µ”] GOLD
3 = POWER PIN SIZE CB10 (
DWR - T X XX P - V X 1 X -
SPECIAL CONFIGURATIONS
MANY UNIQUE FEATURES ARE READILY
AVAILABLE TO SUIT CUSTOMER REQUIREMENTS.
CONSULT AUTHORIZED AMPHENOL
REPRESENTATIVE FOR DETAILS.
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
03554
D
MAY15/13
C
2
D
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
OF
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DWR-TXXXP-VX1X-0X
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
SHEET
RoHS COMPLIANT
S.CAELERS
DWG SIZE:
(POWER: 8 AWG, SIGNAL: 20 AWG),
PIN & SIGNAL CONTACTS, SOLDER CUP TAILS
DRAWING
APR06/11
A.GREEN
APR11/11
S.M.
2:1
C
SCALE
DO NOT
DWR SERIES SLIM DRAWER PIN CONNECTOR,
REMOVE 10 PWR CONTACT OPTION
S.M.
JUL12/12
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
REF.
B
GUIDE PIN UPDATE (EAR14097)
PROJECTION
ANGLE
THIRD
JUN19/12
S.M.
ANGULAR DEGREES
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
ENG. REL. NO.
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ADD UL FILE NUMBER
POWER SOLDER
CUP ACCEPTS UP
TO 8 AWG WIRE
ASSEMBLY ERRORS
BACKPLANE
PEG PREVENTS
ORIENTATION
SIGNAL SOLDER
CUP ACCEPTS UP
TO 20 AWG WIRE
.216
.250
6.35
.616
15.65
D
5.49
7.20
.283
[.111]
2.82
10.80
.425
E
3.25
G
.128
02 SHOWN
MOUNTING CODE
.130
3.30
.108
TYP.
2.74
9.14
.360
F
A
B
3.18
.125
HOUSING BLADE IS
OFF CENTRE TO
PREVENT IMPROPER
MATING
.866
REF
22.00
1.50
HOUSING BLADE
ALIGNMENT
CORRECTION
.059


유사한 부품 번호 - P-DWR-TXXXP-VX1X-0X

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-DWR-TXXXS-VX1X-0X AMPHENOL-P-DWR-TXXXS-VX1X-0X Datasheet
112Kb / 2P
   d-sub technical data
P-DWR-TXXXS-VX3X-0X AMPHENOL-P-DWR-TXXXS-VX3X-0X Datasheet
114Kb / 2P
   d-sub technical data
More results

유사한 설명 - P-DWR-TXXXP-VX1X-0X

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com