전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-LCC17-A3W3XA-XN0 데이터시트(PDF) 1 Page - Amphenol Corporation

부품명 P-LCC17-A3W3XA-XN0
상세설명  d-sub technical data
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-LCC17-A3W3XA-XN0 데이터시트(HTML) 1 Page - Amphenol Corporation

  P-LCC17-A3W3XA-XN0 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.11±0.05
.162±.002
3 PLCS
13.72
.540
6.86
.270
TYP
3.05±0.05
.120±.002
2 PLCS
MOUNTING HOLES
PLATING OPTIONAL
4.11
.162
9.80
.386
9.80
.386
33.32
1.312
1.541
39.14
1.030
26.16
.365
9.27
.494
12.55
TAILS
POWER CONTACT
.148
3.10
HOLE
THROUGH
.122
3.75
6.86
.270
TYP
0
P
N
ORDERING CODE
A
:
LCC17
-
- A3W3
2
CONTACT RESISTANCE: 0.25 MILLIOHMS MAX
DIELECTRIC WITHSTANDING VOLTAGE: 1500V DC
2.
OPERATING TEMPERATURE: -40
AVAILABLE FOR
PIN OR SOCKET
C TO +105
MOUNTING OPTIONS
CURRENT RATING: 55 A PER CONTACT
3.
UL FILE NUMBER E64911.
LCC17 = HIGH CURRENT D-SUB
C
SERIES
3W3 = 3 POSITION, 3 POWER
ARRANGEMENT
A = SHELL SIZE
S = SOCKET
CONNECTOR STYLE
P = PIN
3.75mm [.148"] DIA;
TERMINATION
A = RIGHT ANGLE PCB TAIL
4 = #4-40 UNC THREAD WITH BRACKET
2 = 3.10mm [.122] DIA THROUGH HOLE
N = NO FILTERS
FILTER CAPACITANCE
0 = STANDARD
MODIFIER
ARE BASIC
POSITION DIMENSIONS
LOCATE HOLES
CODE 4)
(MOUNTING
SOCKET
CODE 2)
(MOUNTING
(COMPONENT SIDE OF BOARD)
RECOMMENDED PCB LAYOUT
PIN
MOUNTING
CONNECTOR
NOTES:
MATERIALS: ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND
1.
AMENDMENTS.
SHELLS: STAMPED STEEL, TIN OVER NICKEL PLATED
INSULATOR: ENGINEERING THERMOPLASTIC, GLASS REINFORCED, HIGH TEMPERATURE
RESISTANT, UL FLAMMABILITY RATING 94V-0, BLACK
PIN CONTACTS: COPPER ALLOY PLATED WITH 0.76µm (30µ") GOLD OVER 1.27µm (50µ")
NICKEL
SOCKET CONTACTS: BERYLLIUM COPPER MATING GRID, COPPER ALLOY BALANCE
PLATED WITH 0.76µm (30µ") GOLD OVER 1.27µm (50µ") NICKEL ON THE MATING AREA
BOARDLOCK: COPPER ALLOY, TIN PLATED
MOUNTING HARDWARE: STEEL OR COPPER ALLOY, TIN OR NICKEL PLATED
ELECTRICAL CHARACTERISTICS
0.13 [.005]
ADD UL FILE NO
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
B
JUL22/13
ANGULAR DEGREES
1
B
SCALE:
REV
DWG.
NO.
6
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-LCC17-A3W3XA-XN0
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
LCC17 COOLPOWER D-SUB
1
SHEET
RoHS COMPLIANT
S.CAELERS
A
PROPOSAL DRAWING
NOV18/11
A.G
DWG SIZE:
3.75mm [.148"] R/A PCB TAIL,
DRAWING
A.GREEN
NOV16/11
NOV18/11
03554
3:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
ANGLE
THIRD
CONNECTOR, 3W3 ARRANGEMENT,
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
S.M.
RIVETED
SHELL
6.50
.256
.238
6.05
12.13
.478
#4-40 THREAD
MOUNTING
CODE 4
5.08
.200
1.541
39.14
.971
24.66
.311
7.90
.494
12.55
33.32
1.312
.037
0.94
.262
6.65
6.50
.256
6.35
.250
12.13
.478
THREADED
RIVET
6.35
.250
12.09
.476
6.45
.254
3.10
.122
.122
3.10
4.95
.195


유사한 부품 번호 - P-LCC17-A3W3XA-XN0

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-LCC17-A3W3XE-XN0 AMPHENOL-P-LCC17-A3W3XE-XN0 Datasheet
194Kb / 2P
   d-sub technical data
More results

유사한 설명 - P-LCC17-A3W3XA-XN0

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com