전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-FS1-S02-1XXX 데이터시트(PDF) 1 Page - Amphenol Corporation

부품명 P-FS1-S02-1XXX
상세설명  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-FS1-S02-1XXX 데이터시트(HTML) 1 Page - Amphenol Corporation

  P-FS1-S02-1XXX Datasheet HTML 1Page - Amphenol Corporation P-FS1-S02-1XXX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
C
B
A
A
B
C
D
ENG.REL.NO.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
0.10
.XXX
0.05
MATERIAL AND FINISH
DO NOT SCALE DRAWING
1
2
3
4
5
6
7
8
8
76
54
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol Canada Corp.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
ECN
1 OF 2
NTS
CODE IDENT. NO.
S
MINI SAS 1 DEGREE
2 PORT CAGE
P-FS1-S02-1XXX
SFF
03554
ZLJ
ZLJ
NOV 7/08
T
ELASTOMERIC GASKET OPTION ADDED
SEP 15/09
EAR 123XX
ZLJ
NOV 7/08
.X
0.25
2
TDETAIL K ADDED
JAN 14/10
ZLJ
KEYING OPTION (SEE BELOW TABLE FOR FURTHER CLARIFICATION)
0 = NO KEY
1 = KEY #1 (IN ALL PORTS)
2 = KEY #2 (IN ALL PORTS)
4 = KEY #4 (IN ALL PORTS)
6 = KEY #6 (IN ALL PORTS)
7 = KEY #7 (IN ALL PORTS)
D22 = KEY #2 AND #4 (IN ALL PORTS)
D66 = KEY #4 AND #6 (IN ALL PORTS)
D26 = KEY #2 AND #4 IN LEFT PORT / KEY #4 AND #6 IN RIGHT PORT
D62 = KEY #4 AND #6 IN LEFT PORT / KEY #2 AND #4 IN RIGHT PORT
GASKET OPTION
E = STAINLESS STEEL EMI GASKET
F = FOAM, CHOMERICS SOFT SHIELD 4800, EMI GASKET
C = CONDUCTIVE ELASTOMER, CHOMERICS C6305
MOUNTING SCREW OPTION
1 = 8 mm MOUNTING SCREW SHIPPED BULK IN SAME TRAYS WITH CAGE ASSEMBLIES
2 = NO MOUNTING SCREW SUPPLIED
3 = 10 mm MOUNTING SCREW WITH LOCK WASHER SHIPPED BULK IN SAME TRAYS WITH CAGE ASSEMBLIES
F S1 - S 0 2 - 1 X X X
PART NUMBER: FS1-S02-14E1 SHOWN
(CAGE ASSEMBLY WITH STAINLESS STEEL GASKET
AND 8mm MOUNTING SCREWS SHIPPED BULK)
PART NUMBER: FS1-S02-14F1 SHOWN
(CAGE ASSEMBLY WITH FOAM GASKET
AND 8mm MOUNTING SCREWS SHIPPED BULK)
PART NUMBER: FS1-S02-14C1 SHOWN
(CAGE ASSEMBLY WITH ELASTOMERIC GASKET
AND 8mm MOUNTING SCREWS SHIPPED BULK)
Left Key Option
Right Key Option
Part Num ber
Description
0
0
FS1-S02-10XX
No Key
1
1
FS1-S02-11XX
SATA 'X' Cable
4
4
FS1-S02-14XX
SAS Universal Port
7
7
FS1-S02-17XX
SATA 'M' Cable
2, 4
2, 4
FS1-S02-1D22XX
SAS Out Port
4, 6
4, 6
FS1-S02-1D66XX
SAS In Port
2, 4
4, 6
FS1-S02-1D26XX
SAS Out/In Port
4, 6
2, 4
FS1-S02-1D62XX
SAS In/Out Port


유사한 부품 번호 - P-FS1-S02-1XXX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-FS1-S01-1XXX AMPHENOL-P-FS1-S01-1XXX Datasheet
161Kb / 2P
   d-sub technical data
More results

유사한 설명 - P-FS1-S02-1XXX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com