전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CS1808JRX7RCBN103 데이터시트(HTML) 17 Page - YAGEO Corporation

부품명 CS1808JRX7RCBN103
상세내용  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo 

CS1808JRX7RCBN103 데이터시트(HTML) 17 Page - YAGEO Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 19 page
 17 / 19 page
background image
17
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Rapid Change of
Temperature
4.11
Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ± 1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ± 2 hours
No visual damage
ΔC/C
Class 1:
NP0: within ± 1% or 1 pF, whichever is greater
Class II:
X7R: ± 15%
D.F. meet initial specified value
I.R. meet initial specified value
Damp Heat
with Ur Load
IEC 60384-
21/22
4.13
1. Preconditioning, class II only:
150 +0/-10 °C /1 hour, then keep for
24 ± 1 hour at room temp
2. Initial measure:
Spec: refer initial spec C, D, I.R.
3. Damp heat test:
500 ± 12 hours at 40 ± 2 °C;
90 to 95% R.H. 1.0 Ur applied
4. Recovery:
Class 2: 24 ± 2 hours
5. Final measure: C, D, I.R.
P.S. If the capacitance value is less than the
minimum value permitted, then after the other
measurements have been made the capacitor
shall be precondition according to “IEC 60384
4.1” and then the requirement shall be met.
No visual damage after recovery
ΔC/C
Class 1:
NP0: within ± 2% or 1 pF, whichever is greater
Class II:
X7R: ± 15%
D.F.
Class 1:
NP0: ≤ 2 x specified value
Class II:
X7R: ≤ 2 x specified value
I.R.
Class 1:
NP0: ≥ 2,500 MΩ or
R x C ≥ 25Ω.F whichever is less
Class II:
X7R: ≥ 500 MΩ or
R x C ≥ 25Ω.F whichever is less
X7R/0805/4.7µF/16V ;
X7R/1206/10µF/16V to 25V ;
X7R/1210/2.2µF to 10µF/16V to 50V,
X7R/1210/2.2µF/100V ;
ΔC/C
± 20%
D.F.
≤ 2 specified value
I.R.
R C ≥ 5 Ω.F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn