전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CS1808JRX7RCBN103 데이터시트(HTML) 18 Page - YAGEO Corporation

부품명 CS1808JRX7RCBN103
상세내용  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo 

CS1808JRX7RCBN103 데이터시트(HTML) 18 Page - YAGEO Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 19 page
 18 / 19 page
background image
18
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Endurance
IEC 60384-
21/22
4.14
1. Preconditioning, class II only: 150 +0/-10 °C /1
hour, then keep for 24 ± 1 hour at room temp
2. Initial measure: Spec: refer initial spec C, D, I.R.
3. Endurance test: Temperature: NP0/X7R: 125 °C
Specified stress voltage applied for 1,000 hours:
4. High voltage series follows with below
stress condition:
Voltage
NPO
X7R
≤ 100V
2.0 x Ur
2.0 x Ur
200/250V
1.5 x Ur
1.5 x Ur
500/630V
1.3 x Ur
1.2 x Ur
≥ 1KV
1.2 x Ur
1.1 x Ur
5. Recovery time: 24 ± 2 hours
6. Final measure: C, D, I.R.
P.S. If the capacitance value is less than the minimum
value permitted, then after the other measurements
have been made the capacitor shall be precondition
according to “IEC 60384 4.1” and then the
requirement shall be met.
No visual damage
ΔC/C
Class1:
NP0: within ± 2% or 1 pF, whichever is
greater
Class II:
X7R: ± 15%
D.F.
Class1:
NP0: ≤ 2 x specified value
Class II:
X7R: ≤ 2 x specified value
I.R.
Class1:
NP0: ≥ 4,000 MΩ or
R x C ≥ 40Ω.F whichever is less
Class II:
X7R: ≥ 1,000 MΩ or
R x C ≥ 50Ω.F whichever is less
* Apply 1.5 x Ur for below items
X7R/0805/4.7µF/16V ;
X7R/1206/10µF/16V to 25V ;
X7R/1210/2.2µF to 10µF/16V to 50V,
X7R/1210/2.2µF/100V ;
ΔC/C
± 20%
D.F.
≤ 2 specified value
I.R.
R C ≥ 10 Ω.F
Voltage Proof IEC 60384-1
4.6
Specified stress voltage applied for 1~5 seconds
Ur ≤ 100 V: series applied 2.5 Ur
100 V < Ur ≤ 200 V series applied (1.5 Ur + 100)
200 V < Ur ≤ 500 V series applied (1.3 Ur + 100)
Ur > 500 V: 1.3 Ur
Ur ≧ 1000 V: 1.2 Ur
Charge/Discharge current is less than 50 mA
No breakdown or flashover


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn