전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11998 데이터시트(PDF) 2 Page - Cree, Inc

부품명 CA11998
상세설명  EMERALD series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA11998 데이터시트(HTML) 2 Page - Cree, Inc

  CA11998 Datasheet HTML 1Page - Cree, Inc CA11998 Datasheet HTML 2Page - Cree, Inc CA11998 Datasheet HTML 3Page - Cree, Inc CA11998 Datasheet HTML 4Page - Cree, Inc CA11998 Datasheet HTML 5Page - Cree, Inc CA11998 Datasheet HTML 6Page - Cree, Inc CA11998 Datasheet HTML 7Page - Cree, Inc CA11998 Datasheet HTML 8Page - Cree, Inc CA11998 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures: class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
3:2 WEIGHT
4,6 g
SHEET
1/1
SIZE
A4
DRAWING TITLE
CA14523_EMERALD-MAXI-A
PART NUMBER
CA14523
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
C14522
EMERALD-MAXI-A
PMMA
clear
2
-
ROSE-TAPE
PU foam
black
2 5
Top view
2
LED position
1
2
Bottom view
Left view
Tape 0.4mm
Isometric view


유사한 부품 번호 - CA11998

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA11998 LEDIL-CA11998 Datasheet
3Mb / 11P
   ~8째 beam for wall-washing
More results

유사한 설명 - CA11998

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C13155 CREE-C13155 Datasheet
3Mb / 57P
   EMERALD series
CA13156 CREE-CA13156 Datasheet
3Mb / 55P
   EMERALD series
C14522 CREE-C14522 Datasheet
689Kb / 11P
   EMERALD series
CA14523 CREE-CA14523 Datasheet
3Mb / 55P
   EMERALD series
logo
Ledil, Inc.
CA13156 LEDIL-CA13156 Datasheet
3Mb / 55P
   Emerald Assembly
C13155 LEDIL-C13155 Datasheet
3Mb / 59P
   Emerald Lens
logo
NICHIA CORPORATION
NDE4116 NICHIA-NDE4116 Datasheet
182Kb / 3P
   Emerald Green Laser Diode
logo
OptoSupply Internationa...
OSG48A5111A OPTOSUPPLY-OSG48A5111A Datasheet
111Kb / 1P
   5mm Round Emerald Green LED
logo
NICHIA CORPORATION
NDE4116E-E NICHIA-NDE4116E-E Datasheet
234Kb / 3P
   Emerald Green Laser Diode
logo
OptoSupply Internationa...
OSG48AS1C1A OPTOSUPPLY-OSG48AS1C1A Datasheet
110Kb / 1P
   3.5x2.8x1.9mm Emerald Green SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com