전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA12066 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CA12066
상세설명  Emily series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA12066 데이터시트(HTML) 1 Page - Cree, Inc

  CA12066 Datasheet HTML 1Page - Cree, Inc CA12066 Datasheet HTML 2Page - Cree, Inc CA12066 Datasheet HTML 3Page - Cree, Inc CA12066 Datasheet HTML 4Page - Cree, Inc CA12066 Datasheet HTML 5Page - Cree, Inc CA12066 Datasheet HTML 6Page - Cree, Inc CA12066 Datasheet HTML 7Page - Cree, Inc CA12066 Datasheet HTML 8Page - Cree, Inc CA12066 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PRODUCT DATASHEET
Emily series
last update 9/6/2016
DETAILS
Product Number
CA12066_EMILY-O
Family
Emily
Type
Assembly
Color
clear
Diameter
26 mm
Height
15 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, tape
Status
production ready
ROHS Comliant
Yes
Date Updated
9/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
47+13 deg
Oval
90 %
-
-
XM-L HVW
sim: 12+48
Oval
86 %
-
-
XM-L2
47+14 deg
Oval
86 %
3.600
-
XP-L
46+14 deg
Oval
86 %
3.700
-
XP-L HI
48+9 deg
Oval
86 %
5.700
-
LUXEON Rebel ES
44+10 deg
Oval
90 %
-
-
LUXEON A
44+10 deg
Oval
-
-
-
Oslon Black Flat
sim: 47+9
Oval
sim: 94 % sim: 6.700 -
Oslon Black
sim: 11+44
Oval
-
sim: 5.100 -
Z8Y22P
47+11 deg
Oval
92 %
3.700
-
June 13th 2017 7:47 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA12066

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA12066 LEDIL-CA12066 Datasheet
2Mb / 7P
   ~45째 x 10째 oval beam
More results

유사한 설명 - CA12066

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
   Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
   Emily series
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
   Emily series
CA11390 CREE-CA11390 Datasheet
250Kb / 3P
   Emily series
CA12000 CREE-CA12000 Datasheet
939Kb / 14P
   Emily series
CA12068 CREE-CA12068 Datasheet
514Kb / 7P
   Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
   Emily series
logo
Ledil, Inc.
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
   Emily Assembly
logo
Cree, Inc
CA11391 CREE-CA11391 Datasheet
499Kb / 7P
   Emily series
CA11934 CREE-CA11934 Datasheet
1Mb / 31P
   Emily series
CA12062 CREE-CA12062 Datasheet
2Mb / 35P
   Emily series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com