전자부품 데이터시트 검색엔진 |
|
CS1206JFX7R9BB103 데이터시트(PDF) 3 Page - YAGEO Corporation |
|
CS1206JFX7R9BB103 데이터시트(HTML) 3 Page - YAGEO Corporation |
3 / 19 page 3 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end flexible terminations and finally covered with a layer of plated tin (NiSn). The terminations are lead-free. A cross section of the structure is shown in Fig.1 and Fig.2. Fig. 1 Surface mounted multilayer ceramic capacitor construction TYPE L1 (mm) W (mm) T (mm) L2/L3(mm) min L2/L3(mm) max L4(mm) min Dimension code 0402 1.0 ± 0.15 0.5 ± 0.15 0.50 ± 0.15 0.10 0.35 0.30 CA 0603 1.6 ± 0.20 0.8 ± 0.15 0.80 ± 0.15 0.20 0.65 0.50 DA 1.6 ± 0.25 0.8 ± 0.25 0.80 ± 0.25 0.20 0.85 0.20 DB 0805 2.0 ± 0.3 1.25 ± 0.2 0.60 ± 0.15 0.25 0.75 0.70 EA 0.85 ± 0.15 EB 1.25 ± 0.20 EC 1.25 ± 0.25 1.25 ± 0.25 0.25 0.85 0.50 ED 1206 3.2 ± 0.4 1.6 ± 0.2 0.60 ± 0.15 0.25 0.85 1.50 FA 0.85 ± 0.15 FB 1.15 ± 0.20 FC 1.25 ± 0.20 FD 1.60 ± 0.20 FE 1.6 ± 0.3 1.60 ± 0.30 0.25 1.00 1.20 FF 1210 3.2 ± 0.5 2.5 ± 0.3 0.85 ± 0.20 0.25 0.85 1.40 GA 1.15 ± 0.30 GB 1.25+/-0.20 GC 1.25+/-0.30 GD 1.60+/-0.30 GE 2.00+/-0.30 GF 2.5 ± 0.3 0.25 1.0 1.2 GG 1808 4.5+0.6/-0.4 2.0+/-0.4 1.25+/-0.20 0.25 0.85 2.20 HA 1.35+/-0.40 HB 1.60+/-0.20 HC 1.60+/-0.40 HD 2.00+/-0.40 HE 1812 4.5+0.6/-0.4 3.2+/-0.4 0.85+/-0.30 0.25 0.85 2.20 IA 1.15+/-0.40 IB 1.25+/-0.20 IC 1.25+/-0.40 ID 1.35+/-0.40 IE 1.60+/-0.40 IF DIMENSION Table 1 For outlines see fig. 3 O OU UT TL LIIN NE ES S For dimension see Table 1 Fig. 3 Surface mounted multilayer ceramic capacitor dimension YNM0049 Copper Ni Plating Sn Plating Soft electrode (Stress relaxation) Fig. 2 Concept of soft termination |
유사한 부품 번호 - CS1206JFX7R9BB103 |
|
유사한 설명 - CS1206JFX7R9BB103 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |