전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11483 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CA11483
상세설명  Leila series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA11483 데이터시트(HTML) 1 Page - Cree, Inc

  CA11483 Datasheet HTML 1Page - Cree, Inc CA11483 Datasheet HTML 2Page - Cree, Inc CA11483 Datasheet HTML 3Page - Cree, Inc CA11483 Datasheet HTML 4Page - Cree, Inc CA11483 Datasheet HTML 5Page - Cree, Inc CA11483 Datasheet HTML 6Page - Cree, Inc CA11483 Datasheet HTML 7Page - Cree, Inc CA11483 Datasheet HTML 8Page - Cree, Inc CA11483 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT DATASHEET
Leila series
last update 10/4/2014
DETAILS
Product Number
CA11483_LXP2-M
Family
Leila
Type
Assembly
Color
black
Diameter
21,6 mm
Height
14,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
10/04/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
24 deg
Medium
88 %
3.900
-
XP-G
24 deg
Medium
94 %
-
-
XP-E-HEW
23 deg
Medium
93 %
-
-
XP-E
23 deg
Medium
94 %
4.600
-
XP-G2
23 deg
Medium
90 %
5.000
-
XP-E2
23 deg
Medium
88 %
5.200
-
XP-L HI
24 deg
Medium
87 %
4.700
-
H35B0 (LEMWA32)
24 deg
Medium
90 %
4.900
-
H35C1 (LEMWA33)
25 deg
Medium
87 %
4.600
-
LUXEON Q
24 deg
Medium
87 %
4.300
-
Z5
sim: 25
Medium
91 %
-
-
Z5M1/Z5M2
26 deg
Medium
87 %
4.700
-
Z8Y22P
sim: 26
Medium
sim: 89 % sim: 3.860 -
June 15th 2017 5:00 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA11483

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
   ~25째 medium beam optimized for CREE XP-E.
logo
Cree, Inc
CA11483-LXP2-M CREE-CA11483-LXP2-M Datasheet
965Kb / 12P
   Leila series
More results

유사한 설명 - CA11483

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com