전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SZSL24T1G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 SZSL24T1G
상세설명  Capacitance TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZSL24T1G 데이터시트(HTML) 4 Page - ON Semiconductor

  SZSL24T1G Datasheet HTML 1Page - ON Semiconductor SZSL24T1G Datasheet HTML 2Page - ON Semiconductor SZSL24T1G Datasheet HTML 3Page - ON Semiconductor SZSL24T1G Datasheet HTML 4Page - ON Semiconductor SZSL24T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL05T1G Series
www.onsemi.com
4
Applications Background
This family of TVS devices (SL05T1 series) are designed
to protect sensitive electronics such as communications
systems, computers, and computer peripherals against
damage due to ESD conditions or transient voltage
conditions. Because of their low capacitance value (less than
5 pF), they can be used in high speed I/O data lines. Low
capacitance is achieved by integrating a compensating diode
in series with the TVS which is basically based in the below
theoretical principle:
Capacitance in parallel: CT = C1+C2+....+Cn
Capacitance in series: 1/CT = (1/C1)+(1/C2)+....+(1/Cn)
The Figure 5 shows the integrated solution of the SL05T1
series device:
Figure 5.
COMPENSATING
DIODE
TVS
In the case that an over−voltage condition occurs in the I/O
line protected by the SL05T1 series device, the TVS is
reversed−biased
while
the
compensation
diode
is
forward−biased so the resulting current due to the transient
voltage is drained to ground.
If protection in both polarities is required, an additional
device is connected in inverse−parallel with reference to the
first one, the Figure 6 illustrates the inverse−parallel
connection for bi−directional or unidirectional lines:
Figure 6.
3
2
1
3
2
1
An alternative solution to protect unidirectional lines, is to
connect a fast switching steering diode in parallel with the
SL05T1 series device. When the steering diode is
forward−biased, the TVS will avalanche and conduct in
reverse direction. It is important to note that by adding a
steering diode, the effective capacitance in the circuit will be
increased, therefore the impact of adding a steering diode
must be taken in consideration to establish whether the
incremental capacitance will affect the circuit functionality
or not. The Figure 7 shows the connection between the
steering diode and the SL05T1 series device:
Figure 7.
STEERING DIODE
SL05T1 DEVICE
Another typical application in which the SL05T1 series
device can be utilized, is to protect multiple I/O lines. The
protection in each of the I/O lines is achieved by connecting
two devices in inverse−parallel. The Figure 8 illustrates how
multiple I/O line protection is achieved:
Figure 8.
OUTPUT
INPUT
For optimizing the protection, it is recommended to use ground planes and short path lengths to minimize the PCB’s ground inductance.


유사한 부품 번호 - SZSL24T1G

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
   Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
   The tools feature ergonomic two-component safety handles
logo
ON Semiconductor
SZSD05T1 ONSEMI-SZSD05T1 Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
SZSD05T1G ONSEMI-SZSD05T1G Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
SZSD12T1G ONSEMI-SZSD12T1G Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
More results

유사한 설명 - SZSL24T1G

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
   STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
   Low Capacitance TVS
logo
SUNMATE electronic Co.,...
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6_V01 Datasheet
636Kb / 4P
   Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
   Low Capacitance TVS
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com