전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G17GM 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74LVC1G17GM
상세설명  Single Schmitt-trigger buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G17GM 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G17GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 13Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 14Page - NXP Semiconductors 74LVC1G17GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2004 Nov 30
11
Philips Semiconductors
Product specification
Single Schmitt-trigger buffer
74LVC1G17
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.10 Load circuitry for switching times.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 V to 1.95 V
VCC
30 pF
1 k
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
30 pF
500
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
50 pF
500
open
GND
2
× VCC
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
APPLICATION INFORMATION
handbook, halfpage
23
4
6
50
0
40
5
30
20
10
MNB156
ICC
(mA)
VCC (V)
(1)
(2)
Fig.11 Average supply current as a function of supply voltage.
(1) Positive-going edge.
(2) Negative-going edge.
Linear change of VI between 0.8 V to 2.0 V.


유사한 부품 번호 - 74LVC1G17GM

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G17GM NXP-74LVC1G17GM Datasheet
89Kb / 16P
   Single Schmitt trigger buffer
Rev. 06-27 August 2007
74LVC1G17GM NXP-74LVC1G17GM Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G17GM NEXPERIA-74LVC1G17GM Datasheet
284Kb / 19P
   Single Schmitt trigger buffer
Rev. 14 - 14 January 2022
74LVC1G17GM-Q100 NEXPERIA-74LVC1G17GM-Q100 Datasheet
236Kb / 14P
   Single Schmitt trigger buffer
Rev. 5 - 14 January 2022
More results

유사한 설명 - 74LVC1G17GM

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com