전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9284BCPZ-250 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD9284BCPZ-250
상세설명  8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9284BCPZ-250 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD9284BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 9Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 10Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 11Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 12Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 13Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 14Page - Analog Devices AD9284BCPZ-250 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD9284
Data Sheet
Rev. A | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 250 MSPS, DCS enabled, 1.2 V p-p differential input, VIN = −1.0 dBFS, 64k sample,
TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
4.3MHz @ –1dBFS
SNR = 48.3dB (49.3dBFS)
ENOB = 7.7
SFDR = 70.3dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 4. Single-Tone FFT with fIN = 4.3 MHz
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
330.3MHz @ –1dBFS
SNR = 48.2dB (49.2dBFS)
ENOB = 7.6
SFDR = 60.9dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 5. Single-Tone FFT with fIN = 220.3 MHz
80
60
70
50
40
30
20
10
0
–45
0
–5
–10
–15
–20
–25
–30
–35
–40
AIN POWER (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
REFERENCE LINE
Figure 6. SFDR/SNR vs. Input Amplitude (AIN) with fIN = 2.2 MHz
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
96.6MHz @ –1dBFS
SNR = 48.3dB (49.3dBFS)
ENOB = 7.7
SFDR = 70.0dBc
SECOND HARMONIC
THIRD HARMONIC
Figure 7. Single-Tone FFT with fIN = 96.6 MHz
0
–20
–40
–60
–80
–100
–120
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
29.2MHz @ –7dBFS
32.2MHz @ –7dBFS
SFDR = 69.6dBc (76.6dBFS)
Figure 8. Two-Tone FFT with fIN1 = 29.1 MHz and fIN2 = 32.1 MHz
80
60
70
50
40
30
20
10
0
–45
0
–5
–10
–15
–20
–25
–30
–35
–40
AIN POWER (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
IMD3 (dBc)
SFDR (dBc)
Figure 9. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 29.1 MHz and fIN2 = 32.1 MHz


유사한 부품 번호 - AD9284BCPZ-250

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results

유사한 설명 - AD9284BCPZ-250

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com