전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC2518T 데이터시트(PDF) 9 Page - Advanced Analogic Technologies

부품명 CBC2518T
상세설명  Dual 600mA Step-Down Converter with Synchronization
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANALOGICTECH [Advanced Analogic Technologies]
홈페이지  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

CBC2518T 데이터시트(HTML) 9 Page - Advanced Analogic Technologies

Back Button CBC2518T Datasheet HTML 5Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 6Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 7Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 8Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 9Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 10Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 11Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 12Page - Advanced Analogic Technologies CBC2518T Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Electrical Characteristics
Input Ripple
(CIN = 2 x 10µF; VIN = 3.6V; VOUT1 = 1.8V; VOUT2 = 2.5V;
IOUT1,2 = 600mA; 0
° Phase Shift; PS = Low)
Time (0.2µs/div)
3.59
3.60
3.61
3.62
-2
0
2
4
LX1
LX2
Input Ripple
(CIN = 2 x 10µF; VIN = 3.6V; VOUT1 = 1.8V;
VOUT2 = 2.5V; IOUT1,2 = 600mA; 180
° Phase Shift)
Time (0.2µs/div)
3.59
3.60
3.61
-2
0
2
4
LX1
LX2
Output Voltage Ripple
(VOUT = 1.8V; VIN = 3.6V; Load = 1mA)
Time (10µs/div)
1.75
1.80
1.85
-0.1
0.0
0.1
0.2
Output Voltage Ripple
(VOUT = 1.8V; VIN = 3.6V; Load = 600mA)
Time (0.2µs/div)
1.78
1.80
1.82
0.4
0.5
0.6
0.7
Line Regulation
(VOUT = 1.8V; L = 2.2µH)
Input Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
I
OUT = 400mA
I
OUT = 0.1mA to 100mA
Line Regulation
(VOUT = 1.5V; L = 2.2µH)
Input Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
I
OUT = 400mA
I
OUT = 0.1mA to 100mA
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
9


유사한 부품 번호 - CBC2518T

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
CBC2518T100 TAIYO-YUDEN-CBC2518T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CBC2518T100K TAIYO-YUDEN-CBC2518T100K Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2518T100K TAIYO-YUDEN-CBC2518T100K Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2518T100K TAIYO-YUDEN-CBC2518T100K Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2518T100K8 TAIYO-YUDEN-CBC2518T100K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

유사한 설명 - CBC2518T

제조업체부품명데이터시트상세설명
logo
Advanced Analogic Techn...
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
AAT2713 ANALOGICTECH-AAT2713 Datasheet
1Mb / 23P
   Low Noise Dual 600mA Step-Down Converter with Synchronization
logo
Skyworks Solutions Inc.
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
   Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com