전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP11085 데이터시트(PDF) 1 Page - Cree, Inc

부품명 FP11085
상세설명  Lisa series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

FP11085 데이터시트(HTML) 1 Page - Cree, Inc

  FP11085 Datasheet HTML 1Page - Cree, Inc FP11085 Datasheet HTML 2Page - Cree, Inc FP11085 Datasheet HTML 3Page - Cree, Inc FP11085 Datasheet HTML 4Page - Cree, Inc FP11085 Datasheet HTML 5Page - Cree, Inc FP11085 Datasheet HTML 6Page - Cree, Inc FP11085 Datasheet HTML 7Page - Cree, Inc FP11085 Datasheet HTML 8Page - Cree, Inc FP11085 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Lisa series
last update 18/8/2014
DETAILS
Product Number
FP11085_LISA2-RS-CLIP
Family
Lisa
Type
Assembly
Color
black
Diameter
9,9 mm
Height
6,8 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
clips, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
18/08/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
16 deg
Real spot
90 %
sim: 7.900 -
XP-G
26 deg
Real spot
90 %
sim: 4.200 -
XQ-E
sim: 14.5
Real spot
sim: 91 % sim: 10.100 -
XQ-E HI
sim: 11
Real spot
sim: 86 % sim: 14.000 -
LUXEON Z ES
15 deg
Real spot
84 %
6.600
-
Double Dome (GM2BB)
18 deg
Real spot
-
-
-
June 16th 2017 3:51 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - FP11085

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FP11085 LEDIL-FP11085 Datasheet
1Mb / 6P
   ~19째 spot beam optimized for CREE XP-E.
More results

유사한 설명 - FP11085

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CP10641 CREE-CP10641 Datasheet
413Kb / 5P
   Lisa series
logo
Ledil, Inc.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
   Lisa series
logo
Cree, Inc
FP13028 CREE-FP13028 Datasheet
1Mb / 30P
   Lisa series
FP10996 CREE-FP10996 Datasheet
624Kb / 10P
   Lisa series
FP11121 CREE-FP11121 Datasheet
397Kb / 7P
   Lisa series
FP10995 CREE-FP10995 Datasheet
725Kb / 12P
   Lisa series
CP11626 CREE-CP11626 Datasheet
160Kb / 3P
   Lisa series
FP11851 CREE-FP11851 Datasheet
234Kb / 4P
   Lisa series
FP13026 CREE-FP13026 Datasheet
1Mb / 30P
   Lisa series
FP10997 CREE-FP10997 Datasheet
763Kb / 12P
   Lisa series
FP11075 CREE-FP11075 Datasheet
273Kb / 6P
   Lisa series
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com