전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE6389 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE6389
상세설명  Step-Down DC/DC Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 6Page - Infineon Technologies AG TLE6389 Datasheet HTML 7Page - Infineon Technologies AG TLE6389 Datasheet HTML 8Page - Infineon Technologies AG TLE6389 Datasheet HTML 9Page - Infineon Technologies AG TLE6389 Datasheet HTML 10Page - Infineon Technologies AG TLE6389 Datasheet HTML 11Page - Infineon Technologies AG TLE6389 Datasheet HTML 12Page - Infineon Technologies AG TLE6389 Datasheet HTML 13Page - Infineon Technologies AG TLE6389 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TLE 6389
Target Datasheet Rev. 1.7
10
2001-09-17
3.0.19 Output voltage
V
OUT
4.75
5
5.25
V
5V Versions;
V
S = 5.8 V to
48V; I
OUT = 0mA
to TBDA (PFM
Mode); R
SENSE =
0.05
Ω; R
M1 =
0.25
Ω;R
L1 =
0.1
Ω;
3.0.20
3.8
V
5V Versions;
V
S = 4.2 V to
5.8V; I
OUT =
0mA to 500mA;
R
SENSE = 0.1Ω;
R
M1 = 0.4Ω;RL1
= 0.1
Ω;
3.0.21 Output voltage
V
OUT
-3%
3.3
+3%
V
3.3V Versions;
V
S = 5 V to 48V;
I
OUT = TBD to 2A
(PWM Mode);
3.0.22
-5%
3.3
+5%
V
3.3V Versions;
V
S = 5 V to 48V;
I
OUT = 0mA to
TBD (PFM
Mode);
3.0.23 FB threshold
voltage
V
FB,th
1.22
5
1.25 1.27
5
V
TLE6389GV
3.0.24 Output adjust range
5
15
V
TLE6389GV
3.0.25 Line regulation
0.7
1
mV/
V
TBD
3.0.26 Load regulation
20
30
mV/
A
I
OUT = 5mA to
2A;
3.0.27 Gate driver,
P-gate to source
voltage (off)
V
GDRV
V
S
00.2
V
V
ENABLE = 5 V
C
BDS = 220 nF
C
GDRV = 5nF
3
Electrical Characteristics (cont’d)
5V<
V
S <48V; - 40°C< Tj <150 °C;
all voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit
Test Condition
min. typ.
max.


유사한 부품 번호 - TLE6389

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
More results

유사한 설명 - TLE6389

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com