전자부품 데이터시트 검색엔진 |
|
CS1210KPX7RDBB103 데이터시트(PDF) 6 Page - YAGEO Corporation |
|
CS1210KPX7RDBB103 데이터시트(HTML) 6 Page - YAGEO Corporation |
6 / 19 page 6 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 Table 4 NPO / 1206 to 1210 CAPACITANCE RANGE & THICKNESS CAP. 1206 1210 50V 100V 250V 500V 630V 1000V 2000V 50V 100V 250V 500V 630V 1000V 2000V 0.47 pF FA FA FA 0.56 pF FA FA FA 0.68 pF FA FA FA 0.82 pF FA FA FA 1 pF FA FA FA 1.2 pF FA FA FA 1.5 pF FA FA FA 1.8 pF FA FA FA 2.2 pF FA FA FA FA 2.7 pF FA FA FA FA 3.3 pF FA FA FA FA 3.9 pF FA FA FA FA 4.7 pF FA FA FA FA 5.6 pF FA FA FA FA 6.8 pF FA FA FA FA 8.2 pF FA FA FA FA 10 pF FA FA FA FA FD FD FD 12 pF FA FA FA FA FD FD FD 15 pF FA FA FA FA FD FD FD 18 pF FA FA FA FA FD FD FD 22 pF FA FA FA FA FD FD FD 27 pF FA FA FA FA FD FD FD 33 pF FA FA FA FA FD FD FD GC GC GC 39 pF FA FA FA FA FD FD FD GC GC GC 47 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 56 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 68 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 82 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC 100 pF FA FA FA FA FD FD FD GC GC GC GC GC GC GC Tape width 8 mm |
유사한 부품 번호 - CS1210KPX7RDBB103 |
|
유사한 설명 - CS1210KPX7RDBB103 |