전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NTE1217 데이터시트(Datasheet) 1 Page - NTE Electronics

부품명 NTE1217
상세내용  Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demodulator
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE1217
Integrated Circuit
Phase Lock Loop (PLL) FM Multiplex Stereo Demodulator
Features:
D Low Level of Pilot Signal Sensitivity: 7mV
D Gain: 0dB (RL = 3.3kΩ)
D Separation Adjustable
D Low Level of Pop Noise
D Excellent SCA Rejection Ratio
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
V6–7
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V1–7
16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lamp Current, IL
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, Pd
400mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
DC Supply Voltage, VCC
8V to 12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal, VIN
200mV to 300mV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Current
ICCO
16
25
mA
Input Resistance
ri
15
20
k
Channel Separation
Sep
35
42
dB
Total Harmonic Distortion (Stereo)
THD
SUB, VIN = 100mV (L + R)
0.25
0.5
%
Output Voltage
VO
VIN = 100mV
69
100
137
mV
Channel Balance
CB
0.5
1.5
dB
Lamp Sensitivity
VL
L + R = 90%, Pilot = 10%
65
mV
Hysteresis
VH
6
dB
Capture Range
CR
Pilot = 10mV
±1
%
SCA Rejection
SCA Rej
L + R = 80%, Pilot = 10%, SCA = 10%
80
dB




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1560Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator 1 2 NTE Electronics
NTE1657Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex 1 2 3 NTE Electronics
NTE1248Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod 1 2 3 NTE Electronics
NTE1206Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 NTE Electronics
NTE7116Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System 1 2 3 4 5 NTE Electronics
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics
NTE743Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 NTE Electronics
NTE1779Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
NTE989Integrated Circuit General Purpose Phase Lock Loop PLL 1 2 3 4 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl