전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5675 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5675
상세설명  14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675 데이터시트(HTML) 1 Page - Texas Instruments

  DAC5675 Datasheet HTML 1Page - Texas Instruments DAC5675 Datasheet HTML 2Page - Texas Instruments DAC5675 Datasheet HTML 3Page - Texas Instruments DAC5675 Datasheet HTML 4Page - Texas Instruments DAC5675 Datasheet HTML 5Page - Texas Instruments DAC5675 Datasheet HTML 6Page - Texas Instruments DAC5675 Datasheet HTML 7Page - Texas Instruments DAC5675 Datasheet HTML 8Page - Texas Instruments DAC5675 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DAC5675
SLAS352B – DECEMBER 2001 – REVISED JUNE 2002
14-BIT, 400-MSPS
DIGITAL-TO-ANALOG CONVERTER
1
www.ti.com
FEATURES
D 400-MSPS Update Rate
D LVDS-Compatible Input Interface
D Spurious Free Dynamic Range (SFDR) to
Nyquist
– 69 dBc at 70-MHz IF, 400 MSPS
D W-CDMA Adjacent Channel Power Ratio
ACPR
– 73 dBc at 30.72-MHz IF, 122.88 MSPS
– 71 dBc at 61.44-MHz IF, 245.76 MSPS
D Differential Scalable Current Outputs: 2 mA to
20 mA
D On-Chip 1.2-V Reference
D Single 3.3-V Supply Operation
D Power Dissipation: 820 at fclk = 400 MSPS,
fout = 70 MHz
D Package: 48-Pin HTQFP PowerPad,
TJA = 28.8°C/W
APPLICATIONS
D Cellular Base Transceiver Station Transmit
Channel
– CDMA: WCDMA, CDMA2000, IS–95
– TDMA: GSM, IS–136, EDGE/GPRS
– Supports Single-Carrier and Multicarrier
Applications
D Test and Measurement: Arbitrary Waveform
Generation
D Direct Digital Synthesis (DDS)
D Cable Modem Headend
DESCRIPTION
The DAC5675 is a 14-bit resolution high
-speed
digital-to-analog converter. The DAC5675 is designed
for high-speed digital data transmission in wired and
wireless
communication
systems,
high-frequency
direct-digital
synthesis
(DDS),
and
waveform
reconstruction in test and measurement applications.
The DAC5675 has excellent spurious free dynamic
range (SFDR) at high intermediate frequencies, which
makes the DAC5675 well suited for multicarrier
transmission in TDMA and CDMA based cellular base
transceiver stations BTS.
The DAC5675 operates from a single-supply voltage of
3.3 V. Power dissipation is 820 mW at fclk = 400 MSPS,
fout = 70 MHz. The DAC5675 provides a nominal
full-scale
differential
current
output
of
20
mA,
supporting
both
single-ended
and
differential
applications. The output current can be directly fed to
the load with no additional external output buffer
required. The output is referred to the analog supply
voltage AVDD.
The DAC5675 is manufactured on Texas Instruments
advanced high-speed mixed-signal BiCMOS process.
The
DAC5675
comprises
a
LVDS
(low-voltage
differential signaling) interface. LVDS features a low
differential voltage swing with a low constant power
consumption across frequency, allowing for high speed
data transmission with low noise levels, i.e., low
electromagnetic interference (EMI). LVDS is typically
implemented in low-voltage digital CMOS processes,
making it the ideal technology for high-speed interfacing
between the DAC5675 and high-speed low-voltage
CMOS ASICs or FPGAs. The DAC5675 current-
source-array architecture supports update rates of up to
400 MSPS. On-chip edge-triggered input latches
provide for minimum setup and hold times thereby
relaxing interface timing.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - DAC5675

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
More results

유사한 설명 - DAC5675

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
[Old version datasheet]   14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI-ADS5474-SP Datasheet
1,020Kb / 28P
[Old version datasheet]   Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27