전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11365 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CA11365
상세설명  Laura series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA11365 데이터시트(HTML) 1 Page - Cree, Inc

  CA11365 Datasheet HTML 1Page - Cree, Inc CA11365 Datasheet HTML 2Page - Cree, Inc CA11365 Datasheet HTML 3Page - Cree, Inc CA11365 Datasheet HTML 4Page - Cree, Inc CA11365 Datasheet HTML 5Page - Cree, Inc CA11365 Datasheet HTML 6Page - Cree, Inc CA11365 Datasheet HTML 7Page - Cree, Inc CA11365 Datasheet HTML 8Page - Cree, Inc CA11365 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT DATASHEET
Laura series
last update 26/6/2013
DETAILS
Product Number
CA11365_LAURA-O
Family
Laura
Type
Assembly
Color
black
Diameter
21,6 x 21,6 mm
Height
13,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
26/06/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
13+40 deg
Oval
91 %
4.100
-
XP-G
36+13 deg
Oval
91 %
4.100
-
XP-E2
40+12 deg
Oval
87 %
5.700
-
XP-G2
39+14 deg
Oval
87 %
4.900
-
H35C1 (LEMWA33)
39+14 deg
Oval
86 %
4.600
-
Z5
sim: 12+36
Oval
-
-
-
June 22nd 2017 4:07 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA11365

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA11360 CREE-CA11360 Datasheet
534Kb / 10P
   Laura series
More results

유사한 설명 - CA11365

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA13638 CREE-CA13638 Datasheet
1Mb / 15P
   Laura series
CA12012 CREE-CA12012 Datasheet
1Mb / 19P
   Laura series
CP12634 CREE-CP12634 Datasheet
847Kb / 13P
   Laura series
CA13634 CREE-CA13634 Datasheet
2Mb / 37P
   Laura series
CA11353 CREE-CA11353 Datasheet
796Kb / 11P
   Laura series
CA11360 CREE-CA11360 Datasheet
534Kb / 10P
   Laura series
CA11960 CREE-CA11960 Datasheet
754Kb / 15P
   Laura series
CP12632 CREE-CP12632 Datasheet
818Kb / 13P
   Laura series
CA13639 CREE-CA13639 Datasheet
364Kb / 5P
   Laura series
CA11355 CREE-CA11355 Datasheet
709Kb / 11P
   Laura series
CA13633 CREE-CA13633 Datasheet
1Mb / 29P
   Laura series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com