전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SZNUP1301ML3T1G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 SZNUP1301ML3T1G
상세설명  Low Capacitance Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP1301ML3T1G 데이터시트(HTML) 2 Page - ON Semiconductor

  SZNUP1301ML3T1G Datasheet HTML 1Page - ON Semiconductor SZNUP1301ML3T1G Datasheet HTML 2Page - ON Semiconductor SZNUP1301ML3T1G Datasheet HTML 3Page - ON Semiconductor SZNUP1301ML3T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP1301ML3T1G, SZNUP1301ML3T1G
www.onsemi.com
2
MAXIMUM RATINGS (Each Diode) (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward Current (Note 1)
(averaged over any 20 ms period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0 ms
t = 1.0 ms
t = 1.0 S
IFSM
2.0
1.0
0.5
A
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance Junction−to−Ambient
RqJA
625
°C/W
Lead Solder Temperature
Maximum 10 Seconds Duration
TL
260
°C
Junction Temperature
TJ
−65 to 150
°C
Storage Temperature
Tstg
−65 to +150
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 mA)
V(BR)
70
Vdc
Reverse Voltage Leakage Current
(VR = 70 Vdc)
(VR = 25 Vdc, TJ = 150°C)
(VR = 70 Vdc, TJ = 150°C)
IR
2.5
30
50
mAdc
Diode Capacitance (between I/O and ground)
(VR = 0, f = 1.0 MHz)
CD
0.9
pF
Forward Voltage
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
715
855
1000
1250
mVdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. FR−5 = 1.0  0.75  0.062 in.
3. Alumina = 0.4  0.3  0.024 in, 99.5% alumina.
4. Include SZ-prefix devices where applicable.


유사한 부품 번호 - SZNUP1301ML3T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SZNUP1105LT1G ONSEMI-SZNUP1105LT1G Datasheet
130Kb / 5P
   Single Line CAN/LIN Bus Protector
October, 2016 ??Rev. 6
SZNUP1128HT1G ONSEMI-SZNUP1128HT1G Datasheet
452Kb / 10P
   IVN Bus Protector, Single Line LIN & Dual Line CAN
June, 2020 ??Rev. 3
SZNUP1128WTT1G ONSEMI-SZNUP1128WTT1G Datasheet
452Kb / 10P
   IVN Bus Protector, Single Line LIN & Dual Line CAN
June, 2020 ??Rev. 3
More results

유사한 설명 - SZNUP1301ML3T1G

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BAP64-04W MCC-BAP64-04W Datasheet
517Kb / 3P
   Low diode capacitance
logo
Infineon Technologies A...
ESD8V0L INFINEON-ESD8V0L_09 Datasheet
570Kb / 9P
   Low Capacitance TVS Diode
2009-07-07
logo
ON Semiconductor
NUP4301MR6 ONSEMI-NUP4301MR6 Datasheet
57Kb / 4P
   Low Capacitance Diode Array
September, 2014 ??Rev. 7
logo
Shanghai Leiditech Elec...
LC12I LEIDITECH-LC12I Datasheet
130Kb / 3P
   LOW CAPACITANCE TVS DIODE
LC3301CW LEIDITECH-LC3301CW Datasheet
130Kb / 3P
   LOW CAPACITANCE TVS DIODE
LC03ILVB LEIDITECH-LC03ILVB Datasheet
816Kb / 6P
   LOW CAPACITANCE TVS DIODE
LC2511CCW LEIDITECH-LC2511CCW Datasheet
356Kb / 3P
   LOW CAPACITANCE TVS DIODE
ESD3F7VW LEIDITECH-ESD3F7VW Datasheet
645Kb / 4P
   LOW CAPACITANCE TVS DIODE
logo
Diodes Incorporated
T5V0LCS5 DIODES-T5V0LCS5 Datasheet
359Kb / 4P
   LOW CAPACITANCE TVS DIODE
October 2021
logo
TECH PUBLIC Electronics...
TPESD0522P TECHPUBLIC-TPESD0522P Datasheet
1Mb / 4P
   Low Capacitance TVS Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com