전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB180-1A-DO-41 데이터시트(PDF) 1 Page - Nanjing International Group Co

부품명 SB180-1A-DO-41
상세설명  1.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SB180-1A-DO-41 데이터시트(HTML) 1 Page - Nanjing International Group Co

  SB180-1A-DO-41 Datasheet HTML 1Page - Nanjing International Group Co SB180-1A-DO-41 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
A
A
V
uA
mA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.34 grams
S
B120
S
B1200
THRU
VOLTAGE RANGE
20 to
200 Volts
CURRENT
1.0 Ampere
Typical Thermal Resistance R JA (Note 2)
θ
1.0
30
500
10
50
-65
+125
-65
+150
-65
+150
0.55
110
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.03
1(.8)
.02
4(.6)
DIA.
.107(2.7)
.080(2.0)
DIA.
S
B120 SB140 SB160 SB180 SB1100 SB1150 SB1200 UNITS
20
40
60
80
100
150
200
V
20
40
60
80
100
150
200
V
14
28
42
56
70
105
140
V
0.70
0.85
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


유사한 부품 번호 - SB180-1A-DO-41

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SB180-A DIODES-SB180-A Datasheet
68Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. 3 - 1
SB180-B DIODES-SB180-B Datasheet
68Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. 3 - 1
logo
Leshan Radio Company
SB180-E LRC-SB180-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Gulf Semiconductor
SB180-E-41C GULFSEMI-SB180-E-41C Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80V CURRENT: 1.0A
logo
Diodes Incorporated
SB180-T DIODES-SB180-T Datasheet
68Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. 3 - 1
More results

유사한 설명 - SB180-1A-DO-41

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_1 Datasheet
61Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
1S2 DYELEC-1S2 Datasheet
792Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
SB120U DYELEC-SB120U Datasheet
710Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1150.1A-DO-41 DGNJDZ-SR1150.1A-DO-41 Datasheet
318Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com