전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLZ34NS 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRLZ34NS
상세설명  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLZ34NS 데이터시트(HTML) 5 Page - International Rectifier

  IRLZ34NS Datasheet HTML 1Page - International Rectifier IRLZ34NS Datasheet HTML 2Page - International Rectifier IRLZ34NS Datasheet HTML 3Page - International Rectifier IRLZ34NS Datasheet HTML 4Page - International Rectifier IRLZ34NS Datasheet HTML 5Page - International Rectifier IRLZ34NS Datasheet HTML 6Page - International Rectifier IRLZ34NS Datasheet HTML 7Page - International Rectifier IRLZ34NS Datasheet HTML 8Page - International Rectifier IRLZ34NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRLZ34NS/L
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
5.0V
+
-VDD
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
175
0
10
20
30
40
T , Case Temperature ( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


유사한 부품 번호 - IRLZ34NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLZ34NS IRF-IRLZ34NS Datasheet
311Kb / 8P
   HEXFET Power MOSFET
IRLZ34NS IRF-IRLZ34NS Datasheet
191Kb / 11P
   HEXFET짰 Power MOSFET
IRLZ34NSL IRF-IRLZ34NSL Datasheet
191Kb / 11P
   HEXFET짰 Power MOSFET
IRLZ34NSL IRF-IRLZ34NSL Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
More results

유사한 설명 - IRLZ34NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com