전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2791LDX-H 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2791LDX-H
상세설명  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2791LDX-H 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2791LDX-H Datasheet HTML 3Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 4Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 5Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 6Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 7Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 8Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 9Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 10Page - National Semiconductor (TI) LM2791LDX-H Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Information (Continued)
BRIGHTNESS CONTROL USING PWM
Brigthness control can be implemented by pulsing a signal at
the SD pin. The recommended signal should be between
100Hz to 1kHz. If the operating PWM frequency is much less
than 100Hz, flicker may be seen in the LEDs. Likewise, if
frequency is much higher, brightness in the LEDs will not be
linear. When a PWM signal is used to drive the SD pin of the
LM2791, connect BRGT pin to a maximun of GND. R
SET
value is selected using the above I
SET equation as if BRGT
pin is used. The brigthness is controlled by increasing and
decreasing the duty cycle of the PWM. Zero duty cycle will
turn off the brigthness and a 50% duty cycle waveform
produces an average current of 7.5mA if R
SET is set to
produce a maximum LED current of 15mA. So the LED
current varies linearly with the duty cycle.
PARALLEL Dx OUTPUTS FOR INCREASED CURRENT
DRIVE
Outputs D1 and D2 may be connected together to drive a
single LED. In such a configuration, two parallel current
sources of equal value drive the single LED. R
SET and
V
BRGT should be chosen so that the current through each of
the outputs is programmed to 50% of the total desired LED
current. For example, if 30mA is the desired drive current for
the single LED, R
SET and VBRGT should be selected so that
the current through each of the outputs is 15mA. Connecting
the outputs in parallel does not affect internal operation of
the LM2791and has no impact on the Electrical Character-
istics and limits previously presented. The available Dx out-
put current, maximum Dx voltage, and all other specifica-
tions provided in the Electrical Characteristics table apply to
this parallel output configuration, just as they do to the
standard 2-LED application circuit.
THERMAL PROTECTION
The LM2791 has internal thermal protection circuitry to dis-
able the charge pump if the junction temperature exceeds
150˚C. This feature will protect the device from damage due
to excessive power dissipation. The device will recover and
operate normally when the junction temperature falls below
the maximum operating junction temperature of 100˚C. It is
important to have good thermal conduction with a proper
layout to reduce thermal resistance.
POWER EFFICIENCY
An ideal power efficiency for a voltage doubler switched
capacitor converter is given as the output voltage of the
doubler over twice the input voltage as follows:
Efficiency = (V
DIODE*IDIODE)/(VIN *IDIODE* Gain) =
V
DIODE /2VIN
In the case of the LM2791, a more accurate efficiency cal-
culation can be applied as the given formula below.
Efficiency = ((V
D1*ID1)+(VD2*ID2))/(ISUPPLY*VIN)
It is clear that the efficiency will depend on the supply voltage
in the above equation. As such, the lower the supply voltage,
the higher the efficiency.
POWER DISSIPATION
The maximum allowable power dissipation that this package
is capable of handling can be determined as follows:
P
DMax =(TJMax -TA)/
θ
JA
where T
JMax is the maximum junction temperature, TA is the
ambient temperature, and
θ
JA
is the junction-to-ambient
thermal resistance of the specified package.
The actual power dissipation of the device can be calculated
using this equation:
P
Dissipation = (2VIN -VDIODE)*ILOAD
As an example, if V
IN in the target application is 4.2V, VDIODE
= 3.0V and worse case current consumption is 32mA (16mA
for each diode).
P
Dissipation = ((2*4.2) -3.0)*0.032 = 173mW
Power dissipation must be less than that allowed by the
package. Please refer to the Absolute Maximum Rating of
the LM2791.
PCB LAYOUT CONSIDERATIONS
The LLP is a leadframe based Chip Scale Package (CSP)
with very good thermal properties. This package has an
exposed DAP (die attach pad) at the center of the package
measuring 2.0mm x 1.2mm. The main advantage of this
exposed DAP is to offer lower thermal resistance when it is
soldered to the thermal land on the PCB. For PCB layout,
National highly recommends a 1:1 ratio between the pack-
age and the PCB thermal land. To further enhance thermal
conductivity, the PCB thermal land may include vias to a
ground plane. For more detailed instructions on mounting
LLP packages, please refer to National Semiconductor Ap-
plication Note AN-1187.
www.national.com
10


유사한 부품 번호 - LM2791LDX-H

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2791LD-L TI1-LM2791LD-L Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L/NOPB TI1-LM2791LD-L/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

유사한 설명 - LM2791LDX-H

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
[Old version datasheet]   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11