전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA064C104K4RACTU 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 CA064C104K4RACTU
상세설명  Ceramic, Commercial Grade, CA064, 0.1 uF, 10%, 16 V, 0612, X7R, SMD, MLCC, Array, Temp Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA064C104K4RACTU 데이터시트(HTML) 1 Page - Kemet Corporation

  CA064C104K4RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 45d3b77a-508f-4000-8a63-cd5d71937d0d
KEMET Part Number: CA064C104K4RACTU
Ceramic, Commercial Grade, CA064, 0.1 uF, 10%, 16 V, 0612, X7R, SMD, MLCC, Array, Temp Stable, Class II
Dimensions
L
1.6mm +/-0.2mm
W
3.2mm +/-0.2mm
T
0.8mm +/-0.1mm
P
0.8mm +/-0.1mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Array
Series: CA064
Chip Size: 0612
Description: SMD, MLCC, Array, Temp
Stable, Class II
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 16 VDC
Temperature Coefficient: X7R
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


유사한 부품 번호 - CA064C104K4RACTU

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results

유사한 설명 - CA064C104K4RACTU

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
CA064C473K3RACTU KEMET-CA064C473K3RACTU Datasheet
74Kb / 1P
   Ceramic, Commercial Grade, CA064, 0.047 uF, 10%, 25 V, 0612, X7R, SMD, MLCC, Array, Temp Stable, Class II
C0603C104K4RALTU KEMET-C0603C104K4RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C104K4RALTU KEMET-C0402C104K4RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K4RACTU KEMET-C0603C104K4RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C104K4RACTU KEMET-C0805C104K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C104K4RACTU KEMET-C0402C104K4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104K4RAC7081 KEMET-C0603C104K4RAC7081 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C104K8RACTU KEMET-C0402C104K8RACTU Datasheet
65Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C104K8RALTU KEMET-C0402C104K8RALTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C104J4RACTU KEMET-C0603C104J4RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 5%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com