전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4001W 데이터시트(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

부품명 1N4001W
상세설명  Surface Mount General Purpose Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
홈페이지  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

1N4001W 데이터시트(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  1N4001W Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. 1N4001W Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. 1N4001W Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount General Purpose Silicon Rectifiers
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code
: A1-A7
Simplified outline SOD-123FL and symbol
1
2
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Instantaneous Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
=125
°C
Ta
Typical Junction Capacitance
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1
30
1.1
5
50
11
90
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
1N4001W 1N4002W 1N4003W 1N4004W 1N4005W 1N4006W 1N4007W
Typical Thermal Resistance
RθJA
°C/W
Cj
T , T
j
stg
Symbols
Units
FEATURES
▪For surface mounted applications
▪Low profile package
▪Glass Passivated Chip Junction
▪Ideal for automated placement
▪Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
▪Case: SOD-123FL
▪Terminals: Solderable per MIL-STD-750, Method 2026
▪Approx. Weight: 15mg / 0.00053oz
Page 1 of 3
1N4001W THRU 1N4007W
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
(1)
(2)
Maximum Average Forward Rectified Current
at T = 125
°C
c
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
2016 Rev 1.0


유사한 부품 번호 - 1N4001W

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
1N4001W YFWDIODE-1N4001W Datasheet
73Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
1N4001W ZSELEC-1N4001W Datasheet
140Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED DIODE
logo
Gaomi Xinghe Electronic...
1N4001W GXELECTRONICS-1N4001W Datasheet
315Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
logo
Shenzhen Yixinwei Techn...
1N4001W YIXIN-1N4001W Datasheet
356Kb / 2P
   1.0 AMP SILICON RECTIFIERS VOLTAGE RANGE 50 to 1000 volts
logo
Nantong Hornby Electron...
1N4001W HORNBY-1N4001W Datasheet
205Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results

유사한 설명 - 1N4001W

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
M1-SMAF YFWDIODE-M1-SMAF_17 Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S1ABF SEMIPOWER-S1ABF Datasheet
120Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
S2AF SEMIPOWER-S2AF Datasheet
135Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S1ABF-SMBF YFWDIODE-S1ABF-SMBF Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
S2AW-SOD123FL YFWDIODE-S2AW-SOD123FL Datasheet
418Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Gaomi Xinghe Electronic...
S3A GXELECTRONICS-S3A Datasheet
496Kb / 2P
   Surface Mount General Purpose Silicon Rectifiers
logo
Shanghai Yint Electroni...
S3AB YINT-S3AB Datasheet
494Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com