전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3159 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 2SK3159
상세설명  150V - 50A - MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3159 데이터시트(HTML) 4 Page - Renesas Technology Corp

  2SK3159_16 Datasheet HTML 1Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 2Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 3Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 4Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 5Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 6Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 7Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK3159
R07DS1357EJ0500 Rev.5.00
Page 4 of 7
Aug 02, 2016
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
100
–500
50
100
150200
0
20
40
60
80
0.10.31
30
100
200
2
5
10
20
1
0.5
Pulse Test
10
50
ID = 50 A
VGS = 4 V
10 V
10, 20 A
10, 20 A
50 A
500
3
100
0.11
3
10
30
0.3
010
20
30
40
50
30000
3000
10000
1000
100
300
200
0
0
40
80
120
160
20
80160240
320
400
0
4
8
12
16
5000
1000
500
200
50
100
0.10.21
5
10
1000
500
200
50
100
20
10
ID = 50 A
VGS
VDS
20
10
0.5
2
50
20
100
VDD = 100 V
50 V
25 V
VDD = 100 V
50 V
25 V
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
2000
VDS = 10 V
Pulse Test
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
tf
tr
td(off)
td(on)
VGS = 10 V, VDD = 30 V
PW = 5
μs, duty ≤ 1 %
Tc = –25°C
25°C
75°C


유사한 부품 번호 - 2SK3159_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3159 RENESAS-2SK3159_15 Datasheet
112Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK3159_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RJK1575DPA RENESAS-RJK1575DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1575DPA RENESAS-RJK1575DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0_15 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com