전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC945-SOT23 데이터시트(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 2SC945-SOT23
상세설명  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC945-SOT23 데이터시트(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC945-SOT23 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC945-SOT23 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC945-SOT23 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02
4
6
8
10
12
0
2
4
6
8
10
12
0
0
1
0
1
1
1
.
0
200
400
600
800
1000
0
0
1
0
1
1
10
100
0
0
1
0
1
1
10
100
1000
0
25
50
75
100
125
150
0.00
0.05
0.10
0.15
0.20
0.25
0
1
1
1
.
0
0
5
10
15
COMMON
EMITTER
T
a=25
24uA
9uA
30uA
27uA
21uA
18uA
15uA
12uA
6uA
I
B=3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
30
3
0.3
150
V
BEsat
—— I
C
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
T
a=25
30
3
0.3
30
0
5
1
3
COLLECTOR CURRENT I
C
(mA)
T
a=100
T
a=25
β=10
V
CEsat
—— I
C
300
30
30
3
0.7
300
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
V
CE=6V
I
C
h
FE ——
150
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
REVERSE BIAS VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0 /IC=0
T
a=25
V
CB / VEB
C
ob / Cib
——
Typical Characterisitics
2SC945
www.yfwdiode.com


유사한 부품 번호 - 2SC945-SOT23

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
2SC945-GR MCC-2SC945-GR Datasheet
241Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
2SC945-GR MCC-2SC945-GR Datasheet
296Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Guangdong Kexin Industr...
2SC945-H KEXIN-2SC945-H Datasheet
812Kb / 2P
   NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC945-H YFWDIODE-2SC945-H Datasheet
532Kb / 3P
   NPN Transistors
logo
Guangdong Kexin Industr...
2SC945-H-HF KEXIN-2SC945-H-HF Datasheet
870Kb / 2P
   NPN Transistors
More results

유사한 설명 - 2SC945-SOT23

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com