전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2054C 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 2SK2054C
상세설명  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2054C 데이터시트(HTML) 1 Page - Renesas Technology Corp

  2SK2054C Datasheet HTML 1Page - Renesas Technology Corp 2SK2054C Datasheet HTML 2Page - Renesas Technology Corp 2SK2054C Datasheet HTML 3Page - Renesas Technology Corp 2SK2054C Datasheet HTML 4Page - Renesas Technology Corp 2SK2054C Datasheet HTML 5Page - Renesas Technology Corp 2SK2054C Datasheet HTML 6Page - Renesas Technology Corp 2SK2054C Datasheet HTML 7Page - Renesas Technology Corp 2SK2054C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1265EJ0200 Rev.2.00
Page 1 of 6
Jun 12, 2015
Preliminary Data Sheet
2SK2054C
N-CHANNEL MOSFET FOR SWITCHING
Description
The 2SK2054C, N-channel vertical type MOSFET designed for general-purpose switch, is a device which can be driven
directly by a 4.0 V power source.
Features
Directly driven by a 4.0 V power source.
 Low on-state resistance
RDS(on)1 = 105 m
 MAX. (VGS = 10 V, ID = 2.0 A)
RDS(on)2 = 150 m
 MAX. (VGS = 4.0 V, ID = 2.0 A)
Ordering Information
Part Number
Lead Plating
Packing
Package
2SK2054C-T1-AZ/AY
-AZ : Sn-Bi , -AY : Pure Sn
1000p/Reel
SC-84 (MP-2)
Remark "-AZ/AY" indicates Pb-free. This product does not contain Pb in external electrode and other parts.
Marking XS1
Absolute Maximum Ratings (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
20
V
Drain Current (DC)
ID(DC)
4.0
A
Drain Current (pulse) Note
ID(pulse)
16
A
Total Power Dissipation
PT
2.0
W
Channel Temperature
Tch
150
C
Storage Temperature
Tstg
55 to 150
C
Note PW
 10
s, Duty Cycle  1%
R07DS1265EJ0200
Rev.2.00
Jun 12, 2015


유사한 부품 번호 - 2SK2054C

제조업체부품명데이터시트상세설명
logo
NEC
2SK2054 NEC-2SK2054 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SK2054 RENESAS-2SK2054 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

유사한 설명 - 2SK2054C

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com