전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS21V-070179 데이터시트(PDF) 3 Page - Kemet Corporation

부품명 SS21V-070179
상세설명  SS Coils, SS21V Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS21V-070179 데이터시트(HTML) 3 Page - Kemet Corporation

  SS21V-070179 Datasheet HTML 1Page - Kemet Corporation SS21V-070179 Datasheet HTML 2Page - Kemet Corporation SS21V-070179 Datasheet HTML 3Page - Kemet Corporation SS21V-070179 Datasheet HTML 4Page - Kemet Corporation SS21V-070179 Datasheet HTML 5Page - Kemet Corporation SS21V-070179 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0028_SS21V • 7/30/2015
AC Line Filters – SS Coils, SS21V Type
Table 1 – Ratings & Part Number Reference
Specifications
Item
SS21V
Rated Voltage
250 VAC
Withstanding Voltage
2400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩ@500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
-25ºC to T (T = 120 - temperature rise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SS21V-030930
0.3
93
5.9
50
03 Lot No.
12.3
SS21V-040520
0.4
52
5.4
50
04 Lot No.
12.2
SS21V-050360
0.5
36
2.4
50
05 Lot No.
12.2
SS21V-060220
0.6
22
1.5
45
06 Lot No.
12.9
SS21V-070179
0.7
17.9
1.1
50
07 Lot No.
13.2
SS21V-080136
0.8
13.6
0.8
45
08 Lot No.
13.4
SS21V-100098
1.0
9.8
0.6
50
10 Lot No.
13.1
SS21V-110067
1.1
6.7
0.45
45
11 Lot No.
12.8
SS21V-130044
1.3
4.4
0.35
50
13 Lot No.
11.5
SS21V-150038
1.5
3.8
0.30
50
15 Lot No.
12.4
SS21V-180029
1.8
2.9
0.20
45
18 Lot No.
13.3
SS21V-200024
2.0
2.4
0.15
50
20 Lot No.
12.6
SS21V-220017
2.2
1.7
0.13
45
22 Lot No.
12.7
SS21V-250015
2.5
1.5
0.10
50
25 Lot No.
12.3
SS21V-300008
3.0
0.8
0.07
50
30 Lot No.
11.7
SS21V-R031380
0.3
138
5.9
50
R03 Lot No.
12.3
SS21V-R040770
0.4
77
5.4
50
R04 Lot No.
12.2
SS21V-R050540
0.5
54
2.4
50
R05 Lot No.
12.2
SS21V-R060330
0.6
33
1.5
45
R06 Lot No.
12.9
SS21V-R070260
0.7
26
1.1
50
R07 Lot No.
13.2
SS21V-R080200
0.8
20
0.8
45
R08 Lot No.
13.4
SS21V-R100146
1.0
14.6
0.6
50
R10 Lot No.
13.1
SS21V-R110100
1.1
10
0.45
45
R11 Lot No.
12.8
SS21V-R130066
1.3
6.6
0.35
50
R13 Lot No.
11.5
SS21V-R150057
1.5
5.7
0.30
50
R15 Lot No.
12.4
SS21V-R180044
1.8
4.4
0.20
45
R18 Lot No.
13.3
SS21V-R200036
2.0
3.6
0.15
50
R20 Lot No.
12.6
SS21V-R220026
2.2
2.6
0.13
45
R22 Lot No.
12.7
SS21V-R250023
2.5
2.3
0.10
50
R25 Lot No.
12.3
SS21V-R300013
3.0
1.3
0.07
50
R30 Lot No.
11.7


유사한 부품 번호 - SS21V-070179

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
SS21V-060220 KEMET-SS21V-060220 Datasheet
117Kb / 1P
   Commercial Grade, SS21V, 0.022 H
More results

유사한 설명 - SS21V-070179

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
   SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
   SS Coils, SS30V Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
   SS Coils, SS26V Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
   SS Coils, SS17HB Type
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
   SS Coils, SS17VA/HA Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS11VL-R03550 KEMET-SS11VL-R03550 Datasheet
363Kb / 6P
   SS Coils, SS11VL High Frequency Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
   SS Coils, SS11V/H-CH Type
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com