전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4470EY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4470EY
상세설명  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4470EY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4470EY Datasheet HTML 1Page - Vishay Siliconix SI4470EY Datasheet HTML 2Page - Vishay Siliconix SI4470EY Datasheet HTML 3Page - Vishay Siliconix SI4470EY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si4470EY
Vishay Siliconix
www.vishay.com
2
Document Number: 71606
S-03951—Rev. B, 26-May-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
50
A
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 12 A
0.009
0.011
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6.0 V, ID = 10 A
0.0105
0.013
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
50
S
Diode Forward Voltagea
VSD
IS = 3.0 A, VGS = 0 V
0.75
1.2
V
Dynamicb
Total Gate Charge
Qg
46
57
Gate-Source Charge
Qgs
VDS = 30 V, VGS = 10 V, ID = 12 A
11.5
nC
Gate-Drain Charge
Qgd
11.5
Gate Resistance
Rg
0.25
0.85
1.4
W
Turn-On Delay Time
td(on)
16
25
Rise Time
tr
VDD = 30 V, RL = 30 W
12
18
Turn-Off Delay Time
td(off)
VDD = 30 V, RL = 30 W
ID ^ 1.0 A, VGEN = 10 V, RG = 6 W
50
75
ns
Fall Time
tf
30
45
Source-Drain Reverse Recovery Time
trr
IF = 3.0 A, di/dt = 100 A/ms
40
60
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0
123
456
0
10
20
30
40
50
0
2468
10
VGS = 10 thru 5 V
TC = 125_C
-55
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
4 V
2, 3 V


유사한 부품 번호 - SI4470EY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4470EY-T1-E3 VISHAY-SI4470EY-T1-E3 Datasheet
226Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 20-Sep-10
SI4470EY-T1-GE3 VISHAY-SI4470EY-T1-GE3 Datasheet
226Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 20-Sep-10
SI4470EY VISHAY-SI4470EY_10 Datasheet
226Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 20-Sep-10
More results

유사한 설명 - SI4470EY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com