전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL601 데이터시트(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

부품명 KBL601
상세설명  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
홈페이지  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBL601 데이터시트(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBL601 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBL601 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.trr-jx.com
Characteristic Curves (TA=25 ℃ unless otherwise noted)
BRIDGE RECTIFIERS
AMBIENT TEMPERATURE ℃
FIG.1-DERATING CURVE
OUTPUT RECTIFIED CURRENT
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
FIG.4-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.05
0.3
0.7
0.1
0.01
0.02
0.03
0.07
0.2
0.5
1.0
2.0
3.0
5.0
7.0
10
20
0.2
0.4
0.8
1.0
1.2
1.4
0
0.6
TJ=25
PULSE WIDTH:300
μS
1% DUTY CYCLE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEVERSE VOLTAGE
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
6.0
10
0
20
40
60
80
100
120
140
NUMBER OF CYCLETS AT 60Hz
FLG.1-MAXIMUM FORWARD SUNRGE CURRENT
1
10
100
150
25
100
125
TJ=25
KBL6005 THRU KBL610
50
75


유사한 부품 번호 - KBL601

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KBL601 ETC-KBL601 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBL601 ZSELEC-KBL601 Datasheet
337Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBL601 CHENDA-KBL601 Datasheet
870Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
KBL601 DAESAN-KBL601 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

유사한 설명 - KBL601

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com