전자부품 데이터시트 검색엔진 |
|
TC7MBD3245AFK 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TC7MBD3245AFK 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 7 page TC7MBD3245AFK 2002-10-0 3 Electrical Characteristics DC Characteristics (Ta ==== ----40~85°C) Characteristics Symbol Test Condition VCC (V) Min Typ. (Note 1) Max Unit “H” level VIH ¾ 4.5~5.5 2.0 ¾ ¾ Input voltage “L” level VIL ¾ 4.5~5.5 ¾ ¾ 0.8 V 4.75 2.3 2.8 3.2 5.0 2.5 3.0 3.4 High-level output voltage (Note 2) VOH IOH=-1 mA VIS = VCC 5.25 2.7 3.2 3.6 V Input leakage current IIN VIN = 0~5.5 V 4.5~5.5 ¾ ¾ ±1.0 mA Power off leakage current IOFF A, B, OE = 0~5.5 V 0 ¾ ¾ ±1.0 mA Off-STATE leakage current (switch off) ISZ A, B = 0~5.5 V, OE = VCC 4.5~5.5 ¾ ¾ ±1.0 mA 4.5 ¾ 5 9 IIS = 64 mA 4.75 ¾ 5 8 4.5 ¾ 5 9 VIS = 0 V IIS = 30 mA 4.75 ¾ 5 8 4.5 ¾ 35 65 ON resistance (Note 3) RON VIS = 2.3 V, IIS = 15 mA 4.75 ¾ 35 50 W Quiescent supply current ICC VIN = VCC or GND,IOUT = 0 5.5 ¾ ¾ 10 mA Increase in ICC per input DICC VIN = 3.4 V (one input) 5.5 ¾ ¾ 2.5 mA Note 1: Typical values are at VCC = 5 V, Ta = 25°C. Note 2: It recommends that this device uses Pull-up resistance when adding and using resistance for an output terminal. Since it couses to drop a VOH voltage level when using Pull-down resistance for an output terminal. Note 3: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the two (A or B) pins. AC Characteristics (Ta ==== ----40~85°C) Characteristics Symbol Test Condition VCC (V) Min Max Unit Propagation delay time (bus to bus) tpLH tpHL Figure 1, Figure 2 (Note 4) 4.5 ¾ 0.32 ns Output enable time tpZL tpZH Figure 1, Figure 3 4.5 ¾ 7.0 ns Output disable time tpLZ tpHZ Figure 1, Figure 3 4.5 ¾ 7.0 ns Note 4: The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant. Capacitive Characteristics (Ta ==== 25°C) Characteristics Symbol Test Condition VCC (V) Typ. Unit Control pin input capacitance CIN (Note 5) 5.0 3 pF Switch terminal capacitance CI/O OE = VCC (Note 5) 5.0 10 pF Note 5: This parameter is guaranteed by design. |
유사한 부품 번호 - TC7MBD3245AFK |
|
유사한 설명 - TC7MBD3245AFK |