전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58512FT 데이터시트(PDF) 21 Page - Toshiba Semiconductor

부품명 TC58512FT
상세설명  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58512FT 데이터시트(HTML) 21 Page - Toshiba Semiconductor

Back Button TC58512FT Datasheet HTML 17Page - Toshiba Semiconductor TC58512FT Datasheet HTML 18Page - Toshiba Semiconductor TC58512FT Datasheet HTML 19Page - Toshiba Semiconductor TC58512FT Datasheet HTML 20Page - Toshiba Semiconductor TC58512FT Datasheet HTML 21Page - Toshiba Semiconductor TC58512FT Datasheet HTML 22Page - Toshiba Semiconductor TC58512FT Datasheet HTML 23Page - Toshiba Semiconductor TC58512FT Datasheet HTML 24Page - Toshiba Semiconductor TC58512FT Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TC58512FT
2001-03-05
21/43
Schematic Cell Layout and Address Assignment
The Program operation works on page units while the Erase operation works on block units.
A page consists of 528 bytes in which 512 bytes are used for
main memory storage and 16 bytes are for redundancy or for
other uses.
1 page = 528 bytes
1 block = 528 bytes ´ 32 pages = (16K + 512) bytes
Capacity = 528 bytes ´ 32 pages ´ 4096 blocks
An address is read in via the I/O port over four consecutive
clock cycles, as shown in Table 1.
Table 1. Addressing
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
First cycle
A7
A6
A5
A4
A3
A2
A1
A0
Second cycle
A16
A15
A14
A13
A12
A11
A10
A9
Third cycle
A24
A23
A22
A21
A20
A19
A18
A17
Fourth cycle
*L
*L
*L
*L
*L
*L
*L
A25
A0 to A7
: Column address
A9 to A25 : Page address
A14 to A25 : Block address
A9 to A13 : NAND address in block
* : A8 is automatically set to Low or High by a 00H command or a 01H command.
* : l/O2 to l/O8 must be set to Low in the fourth cycle.
Operation Mode: Logic and Command Tables
The operation modes such as Program, Erase, Read and Reset are controlled by the fourteen different
command operations shown in Table 3. Address input, command input and data input/output are controlled by
the CLE, ALE, CE , WE , RE and WP signals, as shown in Table 2.
Table 2. Logic Table
CLE
ALE
CE
WE
RE
WP
Command Input
H
L
L
H
*
Data Input
L
L
L
H
*
Address Input
L
H
L
H
*
Serial Data Output
L
L
L
H
*
During Programming (Busy)
*
*
*
*
*
H
During Erasing (Busy)
*
*
*
*
*
H
Program, Erase Inhibit
*
*
*
*
*
L
H: VIH, L: VIL, *: VIH or VIL
16
512
I/O1
I/O8
8I/O
528
131072 pages
4096 blocks
Figure 2. Schematic Cell Layout
32 pages
1 block


유사한 부품 번호 - TC58512FT

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TC58 CDE-TC58 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
SHENZHEN FUMAN ELECTRON...
TC5800 FUMAN-TC5800 Datasheet
216Kb / 4P
   High PFC, AC-DC LED Driver IC
logo
Toshiba Semiconductor
TC581282A TOSHIBA-TC581282A Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
More results

유사한 설명 - TC58512FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208A TOSHIBA-TC55NEM208A Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG1S3BFT00 TOSHIBA-TC58NVG1S3BFT00 Datasheet
315Kb / 37P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com