전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TH58100FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor

부품명 TH58100FT
상세내용  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TH58100FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 43 page
 5 / 43 page
background image
TH58100FT
2001-03-05
5/43
Note: (1) CE High to Ready time depends on the pull-up resistor tied to the
BY
/
RY
pin.
(Refer to Application Note (9) toward the end of this document.)
(2) Sequential Read is terminated when tCEH is greater than or equal to 100 ns. If the RE to CE delay
is less than 30 ns,
BY
/
RY
signal stays Ready.
PROGRAMMING AND ERASING CHARACTERISTICS (Ta
==== 0° to 70°C, VCC ==== 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
tPROG
Programming Time
¾
200
1000
ms
tDBSY
Dummy Busy Time for Multi Block
Programming
¾
2
10
ms
tMBPBSY
Multi Block Program Busy Time
¾
200
1000
ms
N
Number of Programming Cycles on Same
Page
¾
¾
3
(1)
tBERASE
Block Erasing Time
¾
2
10
ms
(1): Refer to Application Note (12) toward the end of this document.
: 0 to 30 ns
® Busy signal is not output.
A
CE
RE
tCEH ³ 100 ns
*
525
Busy
BY
/
RY
*: VIH or VIL
A
526
527
tCRY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn