전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TH58100FT 데이터시트(HTML) 2 Page - Toshiba Semiconductor

부품명 TH58100FT
상세내용  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TH58100FT 데이터시트(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 43 page
 2 / 43 page
background image
TH58100FT
2001-03-05
2/43
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VCC
Power Supply Voltage
-0.6 to 4.6
V
VIN
Input Voltage
-0.6 to 4.6
V
VI/O
Input/Output Voltage
-0.6 V to VCC + 0.3 V (£ 4.6 V)
V
PD
Power Dissipation
0.3
W
Tsolder
Soldering Temperature (10s)
260
°C
Tstg
Storage Temperature
-55 to 150
°C
Topr
Operating Temperature
0 to 70
°C
CAPACITANCE *(Ta
==== 25°C, f ==== 1 MHz)
SYMB0L
PARAMETER
CONDITION
MIN
MAX
UNIT
CIN
Input
VIN = 0 V
¾
20
pF
COUT
Output
VOUT = 0 V
¾
20
pF
*
This parameter is periodically sampled and is not tested for every device.
I/O Control circuit
Status register
Address register
Command register
Column buffer
Column decoder
Data register
Sense amp
Memory cell array
Control
HV generator
Logic control
BY
/
RY
VCC
I/O1
VSS
I/O8
to
WP
CE
CLE
ALE
WE
RE
BY
/
RY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn