전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZMYLA143S 데이터시트(PDF) 4 Page - SunLED Corporation

부품명 XZMYLA143S
상세설명  White SMD package with silicone resin
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMYLA143S 데이터시트(HTML) 4 Page - SunLED Corporation

  XZMYLA143S Datasheet HTML 1Page - SunLED Corporation XZMYLA143S Datasheet HTML 2Page - SunLED Corporation XZMYLA143S Datasheet HTML 3Page - SunLED Corporation XZMYLA143S Datasheet HTML 4Page - SunLED Corporation XZMYLA143S Datasheet HTML 5Page - SunLED Corporation XZMYLA143S Datasheet HTML 6Page - SunLED Corporation XZMYLA143S Datasheet HTML 7Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Part Number: XZMYLA143S
Sep 16,2016
XDSB7607
V2-Z Layout: Maggie L.
P. 4/7
5.6mm x 3.0mm SURFACE MOUNT LED LAMP
Yellow


유사한 부품 번호 - XZMYLA143S

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZMYLA109FS SUNLED-XZMYLA109FS Datasheet
373Kb / 6P
   IR-reflow compatible
More results

유사한 설명 - XZMYLA143S

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
   White SMD package with silicone resin
XZMDH160S SUNLED-XZMDH160S Datasheet
370Kb / 9P
   White ceramic package with silicone resin
logo
OSRAM GmbH
LTRBR8SR-8A7B-0117 OSRAM-LTRBR8SR-8A7B-0117 Datasheet
796Kb / 25P
   SMD package with silicone resin
KRBTQDLP61.3A OSRAM-KRBTQDLP61.3A Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-RASR OSRAM-LTRB-RASR Datasheet
1Mb / 23P
   SMD package with silicone resin
logo
SunLED Corporation
XZDG10X160S SUNLED-XZDG10X160S Datasheet
376Kb / 9P
   White ceramic package with silicone resin
logo
OSRAM GmbH
LTRBR8SF-8A7B-0117 OSRAM-LTRBR8SF-8A7B-0117 Datasheet
1Mb / 21P
   SMD package with silicone resin
LTRB-R8SR OSRAM-LTRB-R8SR Datasheet
1Mb / 25P
   SMD package with silicone resin
LTRB-R8SF OSRAM-LTRB-R8SF Datasheet
1Mb / 21P
   SMD package with silicone resin
logo
SunLED Corporation
XZCB14X160S SUNLED-XZCB14X160S Datasheet
371Kb / 9P
   White ceramic package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com