전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZRNI55W-3 데이터시트(PDF) 1 Page - SunLED Corporation

부품명 XZRNI55W-3
상세설명  Long life and robust package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZRNI55W-3 데이터시트(HTML) 1 Page - SunLED Corporation

  XZRNI55W-3 Datasheet HTML 1Page - SunLED Corporation XZRNI55W-3 Datasheet HTML 2Page - SunLED Corporation XZRNI55W-3 Datasheet HTML 3Page - SunLED Corporation XZRNI55W-3 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZRNI55W-3
3.2x1.6mm PHOTOTRANSISTOR
Oct 12,2016
XDSA8822 V5 Layout: Maggie L.
P. 1/4
Features
● Long life and robust package
● Standard Package: 2,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. Specifications are subject to change without notice.
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Test Condiction
VBR CEO
Collector-to-Emitter Breakdown Voltage
30
V
IC=100μA
Ee=0mW/cm2
VBR ECO
Emitter-to-Collector Breakdown Voltage
5
V
IE=100μA
Ee=0mW/cm2
VCE(SAT)
Collector-to-Emitter Saturation Voltage
0.8
V
IC=2mA
Ee=20mW/cm2
ICEO
Collector Dark Current
100
nA
VCE=10V
Ee=0mW/cm2
TR
Rise Time (10% to 90%)
15
μs
TF
Fall Time (90% to 10%)
15
μs
I(ON)
On State Collector Current
0.4
1
mA
VCE=5V
Ee=1mW/cm2
λ=940nm
VCE=5V
IC=1mA
RL=1KΩ
Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Ratings
Collector-to-Emitter Voltage
30V
Emitter-to-Collector Voltage
5V
Power Dissipation at (or below) 25°C Free Air Temperature
100mW
Operating / Storage Temperature Range
-40°C To +85°C
RNI
A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process
(Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


유사한 부품 번호 - XZRNI55W-3

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZRNI56W-1 SUNLED-XZRNI56W-1 Datasheet
253Kb / 4P
   Long life and robust package
More results

유사한 설명 - XZRNI55W-3

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
XZMOK56W SUNLED-XZMOK56W Datasheet
263Kb / 4P
   Long life and robust package
XZMYF151W SUNLED-XZMYF151W Datasheet
225Kb / 4P
   Long life and robust package
XZMOK81FS SUNLED-XZMOK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZCBD53W-6 SUNLED-XZCBD53W-6 Datasheet
261Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com