전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZTHI53W 데이터시트(PDF) 1 Page - SunLED Corporation

부품명 XZTHI53W
상세설명  Long life and robust package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZTHI53W 데이터시트(HTML) 1 Page - SunLED Corporation

  XZTHI53W Datasheet HTML 1Page - SunLED Corporation XZTHI53W Datasheet HTML 2Page - SunLED Corporation XZTHI53W Datasheet HTML 3Page - SunLED Corporation XZTHI53W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZTHI53W
1.6X0.8mm INFRARED EMITTING DIODE
May 17,2016
XDSA1793 V10-Z Layout: Maggie
P. 1/4
Features
● Long life and robust package
● Standard Package: 2,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
Package Schematics
Absolute Maximum Ratings
(TA=25°C)
THI
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Forward Current (Peak)
1/100 Duty Cycle
10us Pulse Width
iFS
1200
mA
Power Dissipation
PD
80
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
THI
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.3
V
Forward Voltage (Max.)
(IF=20mA)
VF
1.6
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
880*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
λ
50
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
90
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XZTHI53W
GaAlAs
Water Clear
0.8*
1.3*
880*
150°
Radiant Intensity
CIE127-2007*
(Po=mW/sr)
@20mA
*Radiant intensity value and wavelength are in accordance with CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


유사한 부품 번호 - XZTHI53W

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZTHI54W SUNLED-XZTHI54W Datasheet
243Kb / 4P
   Long life and robust package
XZTHI55W-3 SUNLED-XZTHI55W-3 Datasheet
261Kb / 4P
   Long life and robust package
XZTHI56W-1 SUNLED-XZTHI56W-1 Datasheet
260Kb / 4P
   Long life and robust package
More results

유사한 설명 - XZTHI53W

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
XZMOK56W SUNLED-XZMOK56W Datasheet
263Kb / 4P
   Long life and robust package
XZMYF151W SUNLED-XZMYF151W Datasheet
225Kb / 4P
   Long life and robust package
XZMOK81FS SUNLED-XZMOK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZCBD53W-6 SUNLED-XZCBD53W-6 Datasheet
261Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com