전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF351M 데이터시트(PDF) 1 Page - Tiger Electronic Co.,Ltd

부품명 LF351M
상세설명  Single Operational Amplifier (JFET)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LF351M 데이터시트(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LF351M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LF351M Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LF351M Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LF351M Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LF351M Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Internally trimmed offset voltage: 10mV
• Low input bias current : 50pA
• Wide gain bandwidth : 4MHz
• High slew rate : 13V/
µs
• High input impedance : 1012
Description
The LF351 is JFET input operational amplifier with an inter-
nally compensated input offset voltage. The JFET input
device provides wide bandwidth, low input bias currents and
offset currents.
8-DIP
8-SOP
1
1
Internal Block Diagram
LF351
Single Operational Amplifier (JFET)
TIGER ELECTRONIC CO.,LTD


유사한 부품 번호 - LF351M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LF351M FAIRCHILD-LF351M Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
logo
Texas Instruments
LF351M TI1-LF351M Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Fairchild Semiconductor
LF351MX FAIRCHILD-LF351MX Datasheet
46Kb / 8P
   Single Operational Amplifier (JFET)
More results

유사한 설명 - LF351M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
   Single Operational Amplifier (JFET)
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
LF351MX FAIRCHILD-LF351MX Datasheet
46Kb / 8P
   Single Operational Amplifier (JFET)
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
   Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
   Quad Operational Amplifier (JFET)
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com