전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064GA-A 데이터시트(PDF) 45 Page - Renesas Technology Corp

부품명 PLQP0064GA-A
상세설명  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064GA-A 데이터시트(HTML) 45 Page - Renesas Technology Corp

Back Button PLQP0064GA-A Datasheet HTML 41Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 42Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 43Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 44Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 45Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 46Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 47Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 48Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 45 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency characteristics between the VCC and
VSS pins, between the AVCC0 and AVSS0 pins, and between the VREFH0 and VREFL0 pins. Place capacitors of about 0.1
μF
as close as possible to every power supply pin and use the shortest and heaviest possible traces. Also, connect capacitors as
stabilization capacitance.
Connect the VCL pin to a VSS pin via a 4.7
μF capacitor. The capacitor must be placed close to the pin, refer to section 5.9.1,
Connecting VCL Capacitor and Bypass Capacitors.
Do not input signals or an I/O pull-up power supply to ports other than 5-V tolerant ports while the device is not powered. The
current injection that results from input of such a signal or I/O pull-up may cause malfunction and the abnormal current that
passes in the device at this time may cause degradation of internal elements.
If input voltage (within the specified range from -0.3 to + 6.5V) is applied to 5-V tolerant ports, it will not cause problems such as
damage to the MCU.
Note 1. Ports P16, P17, PA6, and PB0 are 5 V tolerant.
Note 2. The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, refer to 1.2 List of Products.
Note 1. Supply AVCC0 simultaneously with or after supplying VCC.
Note 2. Refer to section 27.6.10, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware to determine the AVCC0
voltage.
Table 5.1
Absolute Maximum Ratings
Conditions:
VSS = AVSS0 = VREFL0 = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC
–0.3 to +4.6
V
Input voltage
Ports for 5 V tolerant*1
Vin
–0.3 to +6.5
V
Ports P40 to P44, P46,
ports PJ6, PJ7
Vin
–0.3 to AVCC0 +0.3
V
Ports other than above
Vin
–0.3 to VCC +0.3
V
Reference power supply voltage
VREFH0
–0.3 to AVCC0 +0.3
V
Analog power supply voltage
AVCC0
–0.3 to +4.6
V
Analog input voltage
VAN
–0.3 to AVCC0 + 0.3
(when AN000 to AN004 and
AN006 used)
–0.3 to VCC + 0.3
(when AN008 to AN015 used)
V
Operating temperature*2
Topr
–40 to +85
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C
Table 5.2
Recommended Operating Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltages
VCC*1
1.8
3.6
V
VSS
0
V
Analog power supply voltages
AVCC0*1, *2
1.8
3.6
V
AVSS0
0
V
VREFH0
1.8
AVCC0
V
VREFL0
0
V


유사한 부품 번호 - PLQP0064GA-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results

유사한 설명 - PLQP0064GA-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com