전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PLQP0064KB-A 데이터시트(HTML) 50 Page - Renesas Technology Corp

부품명 PLQP0064KB-A
상세내용  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo 

PLQP0064KB-A 데이터시트(HTML) 50 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
/ 127 page
 50 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 50 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.2
DC Characteristics
Table 5.3
DC Characteristics (1)
Conditions: 2.7 V ≤ VCC = VCC_USB ≤ 3.6 V, 2.7 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
RIIC input pin
(except for SMBus, 5 V tolerant)
VIH
VCC × 0.7
5.8
V
Ports P16, P17,
port PA6, port PB0 (5 V tolerant)
VCC × 0.8
5.8
Ports P03, P05,
ports P14,P15,
ports P26, P27,
ports P30 to P32, P35,
ports P54, P55,
ports PA0, PA1, PA3, PA4,
ports PB1, PB3, PB5 to PB7,
ports PC2 to PC7,
ports PE0 to PE7,
port PH7,
RES#
VCC × 0.8
VCC + 0.3
RIIC input pin
(except for SMBus)
VIL
–0.3
VCC × 0.3
Other than RIIC input pin
–0.3
VCC × 0.2
RIIC input pin
(except for SMBus)
∆VT
VCC × 0.05
Other than RIIC input pin
VCC × 0.1
Input voltage
(except for Schmitt
trigger input pins)
MD
VIH
VCC × 0.9
VCC + 0.3
V
XTAL (external clock input)
VCC × 0.8
VCC + 0.3
Ports P40 to P44, P46, ports PJ6,
PJ7
AVCC0 × 0.7
AVCC0 + 0.3
RIIC input pin (SMBus)
2.1
VCC + 0.3
MD
VIL
–0.3
VCC × 0.1
XTAL (external clock input)
–0.3
VCC × 0.2
Ports P40 to P44, P46, ports PJ6,
PJ7
–0.3
AVCC0 × 0.3
RIIC input pin (SMBus)
–0.3
0.8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn