전자부품 데이터시트 검색엔진 |
|
9-1377174-4 데이터시트(PDF) 9 Page - TE Connectivity Ltd |
|
9-1377174-4 데이터시트(HTML) 9 Page - TE Connectivity Ltd |
9 / 24 page Flanged Spade Tongue Terminals PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-9 2 .182 .203 .534 .649 .110 .026 .082 324597 – M2 4.62 5.16 13.56 16.48 2.79 0.66 2.08 26–22 .020 4 .193 .203 .534 .649 .110 .026 .082 52369 – (0.10–0.41) 0.51 4.90 5.16 13.56 16.48 2.79 0.66 2.08 6 .250 .203 .534 .649 .110 .026 .082 – 0-051874-1 M3.5 6.35 5.16 13.56 16.48 2.79 0.66 2.08 .182 .203 .607 .727 .115 .041 .125 2-324608-2 – 2 4.62 5.16 15.42 18.47 2.92 1.04 3.18 M2 .182 .203 .607 .727 .115 .041 .140 324608 – 4.62 5.16 15.42 18.47 2.92 1.04 3.56 .250 .203 .607 .737 .125 .046 .125 322777 2-322777-1 6.35 5.16 15.42 18.72 3.18 1.17 3.18 22–16 .033 6 .296 .203 .607 .737 .125 .046 .125 – 2-32561-1 (0.26–1.65) 0.84 M3.5 7.52 5.16 15.42 18.72 3.18 1.17 3.18 .296 .203 .607 .737 .125 .046 .140 – 2-32562-1 7.52 5.16 15.42 18.72 3.18 1.17 3.56 .416 .250 .654 .830 .171 .062 .125 32497 – 8 10.57 6.35 16.61 21.08 4.34 1.57 3.18 M4 .416 .250 .654 .830 .171 .062 .140 32498 2-32498-1 10.57 6.35 16.61 21.08 4.34 1.57 3.56 .294 .203 .607 .737 .125 .047 .150 2-320861-2 – 6 7.47 5.16 15.42 18.72 3.18 1.19 3.81 M3.5 .294 .203 .607 .737 .125 .047 .170 – 2-320861-1 7.47 5.16 15.42 18.72 3.18 1.19 4.32 .294 .203 .607 .737 .125 .047 .170 – 2-320862-1 16–14 .033 7.47 5.16 15.42 18.72 3.18 1.19 4.32 (1.04–2.62) 0.84 8 .416 .250 .654 .830 .171 .062 .150 33155 – M4 10.57 6.35 16.61 21.08 4.34 1.57 3.81 .416 .250 .654 .830 .171 .062 .170 33156 – 10.57 6.35 16.61 21.08 4.34 1.57 4.32 10 .294 .203 .607 .737 .125 .052 .170 320863 2-320863-2 7.47 5.16 15.42 18.72 3.18 1.19 4.32 6 .328 .250 .841 1.017 .171 .052 .230 324587 — M3.5 8.33 6.35 21.36 25.83 4.34 1.32 5.84 12–10 .042 8 .416 .250 .841 1.017 .171 .052 .230 32510 2-32510-1 (2.62–6.64) 1.07 M4 10.57 6.35 21.36 25.83 4.34 1.32 5.84 10 .416 .250 .841 1.017 .171 .052 .250 324015 2-324015-1 10.57 6.35 21.36 25.83 4.34 1.32 6.35 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. L X W C E H Wire Size AWG (mm2) Terminal Insu- lation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L X H Min. Max. Max. Min. Part Numbers Loose Tape Piece Mounted Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 |
유사한 부품 번호 - 9-1377174-4 |
|
유사한 설명 - 9-1377174-4 |