전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2-1377175-3 데이터시트(PDF) 9 Page - TE Connectivity Ltd

부품명 2-1377175-3
상세설명  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-1377175-3 데이터시트(HTML) 9 Page - TE Connectivity Ltd

Back Button 2-1377175-3 Datasheet HTML 5Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 6Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 7Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 8Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 9Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 10Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 11Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 12Page - TE Connectivity Ltd 2-1377175-3 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Flanged Spade Tongue Terminals
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-9
2
.182
.203
.534
.649
.110
.026
.082
324597
M2
4.62
5.16
13.56 16.48
2.79
0.66
2.08
26–22
.020
4
.193
.203
.534
.649
.110
.026
.082
52369
(0.10–0.41)
0.51
4.90
5.16
13.56 16.48
2.79
0.66
2.08
6
.250
.203
.534
.649
.110
.026
.082
0-051874-1
M3.5
6.35
5.16
13.56 16.48
2.79
0.66
2.08
.182
.203
.607
.727
.115
.041
.125
2-324608-2
2
4.62
5.16
15.42 18.47
2.92
1.04
3.18
M2
.182
.203
.607
.727
.115
.041
.140
324608
4.62
5.16
15.42 18.47
2.92
1.04
3.56
.250
.203
.607
.737
.125
.046
.125
322777
2-322777-1
6.35
5.16
15.42 18.72
3.18
1.17
3.18
22–16
.033
6
.296
.203
.607
.737
.125
.046
.125
2-32561-1
(0.26–1.65)
0.84
M3.5
7.52
5.16
15.42 18.72
3.18
1.17
3.18
.296
.203
.607
.737
.125
.046
.140
2-32562-1
7.52
5.16
15.42 18.72
3.18
1.17
3.56
.416
.250
.654
.830
.171
.062
.125
32497
8
10.57
6.35
16.61 21.08
4.34
1.57
3.18
M4
.416
.250
.654
.830
.171
.062
.140
32498
2-32498-1
10.57
6.35
16.61 21.08
4.34
1.57
3.56
.294
.203
.607
.737
.125
.047
.150
2-320861-2
6
7.47
5.16
15.42 18.72
3.18
1.19
3.81
M3.5
.294
.203
.607
.737
.125
.047
.170
2-320861-1
7.47
5.16
15.42 18.72
3.18
1.19
4.32
.294
.203
.607
.737
.125
.047
.170
2-320862-1
16–14
.033
7.47
5.16
15.42 18.72
3.18
1.19
4.32
(1.04–2.62)
0.84
8
.416
.250
.654
.830
.171
.062
.150
33155
M4
10.57
6.35
16.61 21.08
4.34
1.57
3.81
.416
.250
.654
.830
.171
.062
.170
33156
10.57
6.35
16.61 21.08
4.34
1.57
4.32
10
.294
.203
.607
.737
.125
.052
.170
320863
2-320863-2
7.47
5.16
15.42 18.72
3.18
1.19
4.32
6
.328
.250
.841
1.017
.171
.052
.230
324587
M3.5
8.33
6.35
21.36 25.83
4.34
1.32
5.84
12–10
.042
8
.416
.250
.841
1.017
.171
.052
.230
32510
2-32510-1
(2.62–6.64)
1.07
M4
10.57
6.35
21.36 25.83
4.34
1.32
5.84
10
.416
.250
.841
1.017
.171
.052
.250
324015
2-324015-1
10.57
6.35
21.36 25.83
4.34
1.32
6.35
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
L
X
W
C
E
H
Wire Size
AWG
(mm2)
Terminal
Insu-
lation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
X
H
Min.
Max.
Max.
Min.
Part Numbers
Loose
Tape
Piece
Mounted
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545


유사한 부품 번호 - 2-1377175-3

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
2-1372209-1 TEC-2-1372209-1 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372209-1 TEC-2-1372209-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372269-9 TEC-2-1372269-9 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372328-5 TEC-2-1372328-5 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-1372328-6 TEC-2-1372328-6 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

유사한 설명 - 2-1377175-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com