전자부품 데이터시트 검색엔진 |
|
7-1377174-0 데이터시트(PDF) 2 Page - TE Connectivity Ltd |
|
7-1377174-0 데이터시트(HTML) 2 Page - TE Connectivity Ltd |
2 / 24 page AWG Identification Numbers PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-2 The International AWG Identification Numbers Each TE Connectivity Terminal and Splice covers specific inter- national wire range and has the applicable wire size marked on the tongue or the barrel. Insulated terminals and splices are color coded for easy identification. All application tools have a special matching control system. With this technique the quality of the termination made can be reliably checked at any time. During crimping the application tooling marks a proper visual code on the terminal or insula- tion sleeve. If the code of the ter- minal and the mark of the tool are corresponding, a reliable termination with the correct too- ling has been made. Cross Reference of AWG Code Numbers to Wire Size Range 26–22 0.10– 0.40 0.14/0.20/0.25/0.35 22–16 0.25– 1.60 0.35/0.50/0.75/1.00/1.50 16–14 1.00– 2.60 1.00/1.50/2.50 16–14 HD, 1.00– 2.60 1.00/1.50/2.50 12–10 2.70– 6.60 4.00/6.00 8 6.70– 10.50 10.0 6 10.60– 16.70 16.0 4 16.80– 26.60 25.0 2 26.70– 42.40 35.0 1/0 42.50– 60.50 50.0 2/0 60.60– 76.20 70.0 3/0 76.30– 97.00 95.0 4/0 98.00–120.00 120.0 250–300 MCM 121.00–151.00 150.0 300–350 MCM 152.00–192.00 185.0 400–350 MCM 193.00–242.00 240.0 500–600 MCM 243.00–304.00 300.0 , ) Heavy-duty terminals use AWG 12–10 (2.7–6.6 mm2) tooling. AWG Code Number Wire Size Range (mm2) for DIN Cross Section (mm2) Minimum Number of Wires, Diameter of Conductor for Insulated High Current Conductors Wire Size Range Number and Diameter of Wires Diameter of Conductor Wire Size Range Number and Diameter of Wires Diameter of Conductor (mm2) (mm) (mm) (mm2) (mm) (mm) 1 x 0.42 0.42 00.14 18 x 0.10 – 8 x 0.15 – 1 x 0.50 0.50 00.20 11 x 0.15 – 26 x 0.10 – 1 x 0.60 0.60 00.25 14 x 0.15 – 1 x 0.67 0.67 00.35 7 x 0.26 0.80 12 x 0.21 0.90 1 x 0.80 0.80 00.50 7 x 0.30 0.90 16 x 0.21 1.00 1 x 1.00 1.00 0 0.75 24 x 0.20 1.20 1 x 1.13 1.13 0 1.00 32 x 0.20 1.30 1 x 1.38 1.38 01.50 7 x 0.52 1.60 30 x 0.25 1.60 1 x 1.78 1.78 02.50 7 x 0.67 2.00 50 x 0.25 2.10 1 x 2.26 2.26 04.00 19 x 0.52 2.60 56 x 0.30 2.80 1 x 2.26 2.26 06.00 19 x 0.64 3.20 84 x 0.30 3.50 1 x 3.57 3.57 7 x 1.35 4.10 10.00 49 x 0.51 4.60 80 x 0.40 5.00 1 x 4.52 4.52 7 x 1.70 5.10 16.00 49 x 0.65 5.90 127 x 0.40 6.00 0.00 0.00 1 x 5.64 5.64 7 x 2.13 6.40 025.0 84 x 0.62 7.70 200 x 0.40 7.50 797 x 0.20 7.60 19 x 1.53 7.70 133 x 0.58 8.70 035.0 280 x 0.40 8.70 1115 x 0.20 9.00 19 x 1.83 9.20 133 x 0.69 10.40 0 50.0 400 x 0.40 11.00 1592 x 0.20 11.00 19 x 2.17 11.00 189 x 0.69 12.70 070.0 560 x 0.40 12.00 1427 x 0.25 12.50 19 x 2.52 12.60 259 x 0.69 14.50 0 95.0 485 x 0.50 14.90 1936 x 0.25 14.90 37 x 2.03 14.20 336 x 0.67 16.40 120.0 614 x 0.50 16.00 2445 x 0.25 16.40 37 x 2.26 15.80 392 x 0.69 18.00 150.0 765 x 0.50 19.20 2123 x 0.30 19.30 37 x 2.52 18.00 494 x 0.69 19.00 185.0 944 x 0.44 20.00 2618 x 0.30 21.00 61 x 2.24 20.50 627 x 0.69 22.00 240.0 1225 x 0.50 23.00 3396 x 0.30 24.00 61 x 2.50 23.00 300.0 790 x 0.69 25.00 1530 x 0.50 27.00 |
유사한 부품 번호 - 7-1377174-0 |
|
유사한 설명 - 7-1377174-0 |