전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCA15008 데이터시트(PDF) 4 Page - Cree, Inc

부품명 FCA15008
상세설명  Rose series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

FCA15008 데이터시트(HTML) 4 Page - Cree, Inc

  FCA15008 Datasheet HTML 1Page - Cree, Inc FCA15008 Datasheet HTML 2Page - Cree, Inc FCA15008 Datasheet HTML 3Page - Cree, Inc FCA15008 Datasheet HTML 4Page - Cree, Inc FCA15008 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
Direction A
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
SCALE
3:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
clear
Pc
black
FCA15008
FCA15008_G2-ROSE-UV-M
A3
1/1
9 g
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
C15050
ROSE-TAPE
PU 2-sided foam tape adhesive
2
C14688
G2-ROSE-LT-HLD
3
F14686
G2-ROSE-UV-M
LSR silicone
21.57
15.7
15
1
Led position
9.4
3
Isometric view


유사한 부품 번호 - FCA15008

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FCA15008 LEDIL-FCA15008 Datasheet
7Mb / 4P
   ~25째 medium beam. Assembly with black holder and installation tape.
FCA15008 LEDIL-FCA15008_18 Datasheet
7Mb / 4P
   ~25째 medium beam. Assembly with black holder and installation tape.
More results

유사한 설명 - FCA15008

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FA11909 CREE-FA11909 Datasheet
79Kb / 3P
   Rose series
FA12620 CREE-FA12620 Datasheet
265Kb / 6P
   Rose series
FA10667 CREE-FA10667 Datasheet
554Kb / 9P
   Rose series
FA10708 CREE-FA10708 Datasheet
659Kb / 10P
   Rose series
FA11911 CREE-FA11911 Datasheet
411Kb / 6P
   Rose series
CA13623 CREE-CA13623 Datasheet
150Kb / 3P
   Rose series
FCA15009 CREE-FCA15009 Datasheet
370Kb / 6P
   Rose series
FA10665 CREE-FA10665 Datasheet
580Kb / 9P
   Rose series
FA11153 CREE-FA11153 Datasheet
99Kb / 2P
   Rose series
CA11839 CREE-CA11839 Datasheet
409Kb / 8P
   Rose series
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com