전자부품 데이터시트 검색엔진 |
|
5-1377174-8 데이터시트(PDF) 10 Page - TE Connectivity Ltd |
|
5-1377174-8 데이터시트(HTML) 10 Page - TE Connectivity Ltd |
10 / 24 page Short Spring Spade Tongue Terminals PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-10 Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body: Phosphor Bronze per ASTM B-139 Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 L X W C E 4 .203 .219 .550 .695 .140 .082 52922 52922-1 26–22 .020 5.16 5.56 13.97 17.65 3.56 2.08 (0.10–0.41) 0.51 8 .375 .281 .612 .787 .170 .082 52925 52925-1 M4 9.53 7.14 15.54 19.99 4.32 2.08 4 .203 .250 .654 .799 .140 .125 52927 52927-1 5.16 6.35 16.61 20.29 3.56 3.18 5 .250 .250 .654 .799 .140 .125 52928 52928-1 M3 6.35 6.35 16.61 20.29 3.56 3.18 6 .250 .250 .654 .799 .140 .125 52929 – M3.5 6.35 6.35 16.61 20.29 3.56 3.18 22–16 .033 .244 .281 .725 .895 .170 .140 – 55768-1 (0.26–1.65) 0.84 6.20 7.14 18.42 22.73 4.32 3.56 8 .375 .281 .685 .860 .170 .125 52930 52930-1 M4 9.53 7.14 17.40 21.84 4.32 3.18 .375 .281 .685 .860 .170 .140 – 52930-3 9.53 7.14 17.40 21.84 4.32 3.56 10 .406 .281 .685 .908 .218 .125 52931 – 10.31 7.14 17.40 23.06 5.54 3.18 5 .250 .250 .654 .799 .140 .170 52934 52934-1 M3 6.35 6.35 16.61 20.29 3.56 4.32 .250 .250 .654 .799 .140 .170 52935 52935-1 6 6.35 6.35 16.61 20.29 3.56 4.32 M3.5 .250 .250 .654 .799 .140 .182 -52935-2 52935-3 6.35 6.35 16.61 20.29 3.56 4.62 .375 .281 .685 .860 .170 .170 – 52936-1 16–14 .033 8 9.53 7.14 17.40 21.84 4.32 4.32 (1.04–2.62) 0.84 M4 .375 .281 .685 .860 .170 .182 – 52936-3 9.53 7.14 17.40 21.84 4.32 4.62 .406 .281 .685 .908 .218 .170 52937 52937-1 10 10.31 7.14 17.40 23.06 5.54 4.32 .406 .281 .685 .908 .218 .182 - 52937-2 52937-3 10.31 7.14 17.40 23.06 5.54 4.62 1/4 .625 .343 .747 1.033 .281 .170 52939 – M6 15.88 8.71 18.97 26.24 7.14 4.32 8 .375 .276 .877 1.052 .170 .250 52942 – 12–10 .042 M4 9.53 7.01 22.28 26.72 4.32 6.35 (2.62–6.64) 1.07 1/4 .625 .338 .939 1.225 .281 .250 52945 – M6 15.88 8.59 23.85 31.12 7.14 6.35 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Wire Size AWG (mm2) Terminal Insu- lation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L X Min. Max. Max. Part Numbers Loose Tape Piece Mounted |
유사한 부품 번호 - 5-1377174-8 |
|
유사한 설명 - 5-1377174-8 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |